Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

586-1A05-101F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 586-1A05-101F
Description  SINGLE CHIP BASED LED T1 3/4 WEDGE (T5)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

586-1A05-101F Datasheet(HTML) 2 Page - Dialight Corporation

  586-1A05-101F Datasheet HTML 1Page - Dialight Corporation 586-1A05-101F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T1 3/4 WEDGE (T5) POLARIZED
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
With the technological advancements in Light Emitting Diodes (LEDs) brightness can now rival the incandescent lamp when used
in similar packages. These advancements have created a new type of product called the based LED - an LED with the functionality
of an incandescent bulb.
The following styles are currently available in red, green, yellow, blue and white:
T1 3/4 Midget Flange
T1 3/4 Bi-Pin
T1 3/4 Wedge (T5)
T2 Telephone Slide
T3 1/4 Miniature Bayonet (BA9s)
T3 1/4 Miniature Screw (E10)
T3 1/4 Wedge (T10)
15mm SC Bayonet (BA15s)
Dialight’s line of based LEDs continues to grow. Please visit our website for more information.
www.dialight.com
Based LE Ds
SELECTION
586 Series
SINGLE CHIP BASED LED
T1 3/4 WEDGE (T5)
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Part Number
Color
Dominant Wavelength
(TYP- nm)
Nominal Voltage
(VDC)
Forward Current
TYP-(mA)
Intensity
TYP.-(mcd)
RoHS
Compliant
586-1A01-101F
Red
630
6
16
775
586-1A02-101F
Green
526
6
16
600
586-1A03-101F
Yellow
592
6
16
775
586-1A04-101F
Orange
615
6
16
775
586-1A05-101F
Blue
472
6
16
165
586-1A06-101F
White
*
6
16
460
586-1A01-103F
Red
630
14
16
775
586-1A02-103F
Green
526
14
16
600
586-1A03-103F
Yellow
592
14
16
775
586-1A04-103F
Orange
615
14
16
775
586-1A05-103F
Blue
472
14
16
165
586-1A06-103F
White
*
14
16
460
586-1A01-105F
Red
630
28
16
775
586-1A02-105F
Green
526
28
16
600
586-1A03-105F
Yellow
592
28
16
775
586-1A04-105F
Orange
615
28
16
775
586-1A05-105F
Blue
472
28
16
165
586-1A06-105F
White
*
28
16
460
* Color Coordinates: x = 0.32, y = 0.32
MDEL586T5001_C


Similar Part No. - 586-1A05-101F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-102111-2 ETC2-586-102111-2 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-102111-3 ETC2-586-102111-3 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-102111-3A ETC2-586-102111-3A Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-102111-5 ETC2-586-102111-5 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-102111-6 ETC2-586-102111-6 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
More results

Similar Description - 586-1A05-101F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-1201-201F DIALIGHT-586-1201-201F Datasheet
124Kb / 2P
   BASED LED T1 3/4 WEDGE (T5)
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
586-1301-101F DIALIGHT-586-1301-101F Datasheet
123Kb / 2P
   Single Chip BASED LED T1 3/4 BI-PIN
585-3211 DIALIGHT-585-3211 Datasheet
116Kb / 2P
   Multi-Chip BASED LED T1 3/4 Bi-Pin
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
586-2201-201F DIALIGHT-586-2201-201F Datasheet
111Kb / 2P
   586 Series BASED LED T3 1/4 WEDGE (T10)
logo
Bivar, Inc.
909-235NT BIVAR-909-235NT Datasheet
163Kb / 1P
   SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
909-235BK BIVAR-909-235BK Datasheet
163Kb / 1P
   SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
logo
Dialight Corporation
586-1101-001F DIALIGHT-586-1101-001F Datasheet
110Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1101-101F DIALIGHT-586-1101-101F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com