Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

586-1203-201F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 586-1203-201F
Description  BASED LED T1 3/4 WEDGE (T5)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

586-1203-201F Datasheet(HTML) 1 Page - Dialight Corporation

  586-1203-201F Datasheet HTML 1Page - Dialight Corporation 586-1203-201F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
RoHS Compliant
Unique multi-LED design provide superior illumination
High brightness with low current draw - uses up to 90% less
energy than incandescent
Long Life - up to 100K hours
True non-polarized design
No heat generated
Mounts directly into industry standard socket
Resistant to shock and vibration
Incorporating AlInGaP and InGaN technology
Colors include red, green, yellow, blue, and white
Dialight's line of based LED lamps is designed to directly
replace many popular subminiature and miniature incandescent
lamps. The benefits of LED technology over incandescent are
significant: They offer long life, are shock resistant, withstand
vibration and provide energy conservation.
586 Series
BASED LED
T1 3/4 WEDGE (T5)
SPECIFICATIONS
Measurements are typical
Dimensions are inches [mm]
Operating Voltages: 6, 12, 14, 24, and 28 VDC
Non-polarized
Operating temperature: -30oC to +85oC
Storage temperature: -40oC to +100oC
Replaces incandescent lamp numbers*: 79, 16,
84, 86, 18, 37, 70, 73, 74, 17, 85
*
See Dialight’s Incandescent lamp/based LED
cross reference guide for a complete listing
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
CONSIDERATIONS
Since lens caps act as filters for the light emitted from the based LED, it is important to match the emitting color of the LED.
If not matched properly, the overall light output may be substantially reduced. Dialight recommends using transparent lenses
which will optimize the light output.
Although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced.
Operation of the based LED at a higher voltage should not exceed 10% above the recommended voltage.
Dialight does not recommend that based LED lamps be used in neon sockets.
MDEL586L001_B
.579
[14.71]
.232
[5.89]
Dialight reserves the right to make changes at any time
in order to supply the best product possible.


Similar Part No. - 586-1203-201F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-120111 ETC2-586-120111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
586-120111-2 ETC2-586-120111-2 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-120111-3 ETC2-586-120111-3 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-120111-3A ETC2-586-120111-3A Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-120111-5 ETC2-586-120111-5 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
More results

Similar Description - 586-1203-201F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-1A01-101F DIALIGHT-586-1A01-101F Datasheet
118Kb / 2P
   SINGLE CHIP BASED LED T1 3/4 WEDGE (T5)
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
585-3211 DIALIGHT-585-3211 Datasheet
116Kb / 2P
   Multi-Chip BASED LED T1 3/4 Bi-Pin
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
586-1301-101F DIALIGHT-586-1301-101F Datasheet
123Kb / 2P
   Single Chip BASED LED T1 3/4 BI-PIN
586-2201-201F DIALIGHT-586-2201-201F Datasheet
111Kb / 2P
   586 Series BASED LED T3 1/4 WEDGE (T10)
logo
List of Unclassifed Man...
LE-0509-02B ETC2-LE-0509-02B Datasheet
186Kb / 1P
   T-3 1/4 24V WEDGE BASE LED
logo
P-tec Corporation
PL15-CDY01 P-TEC-PL15-CDY01 Datasheet
30Kb / 1P
   5MM (T1 3/4) LED
PL16D-WCR23 P-TEC-PL16D-WCR23 Datasheet
73Kb / 1P
   5MM (T1 3/4) LED
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
35Kb / 1P
   5MM (T1 3/4) LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com