Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

586-2702-201F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 586-2702-201F
Description  Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

586-2702-201F Datasheet(HTML) 1 Page - Dialight Corporation

  586-2702-201F Datasheet HTML 1Page - Dialight Corporation 586-2702-201F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
FEATURES / BENEFITS
586 Series
Single Chip BASED LED
T3 1/4 MINIATURE SCREW (E10)
CONSIDERATIONS
RoHS Compliant
Long life - typically 100K hours
High brightness with low current draw - uses up to
90% less energy than an incandescent
Long life - typically 100K hours
True non-polarized configuration
No heat generated
Mounts directly into industry standard socket
Resistant to shock and vibration
AlInGaP and InGaN technology
Super bright single chip design
Colors include red, green, yellow, blue and white
Dialight's line of based LED lamps is designed to directly replace
many popular subminiature and miniature incandescent lamps.
The benefits of LED technology over incandescent are significant:
They offer long life, are shock resistant, withstand vibration and
provide energy conservation.
Since lens caps act as filters for the light emitted from the based LED, it is important to match the emitting color of the LED.
If not matched properly, the overall light output may be substantially reduced. Dialight recommends using transparent lenses,
which will optimize the light output.
Although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced.
Operation of the based LED at a higher voltage should not exceed 10% above the recommended voltage.
Dialight does not recommend that based LED lamps be used in neon sockets.
Operating voltages: 6, 14, and 28 VDC
Non-polarized
Operating temperature: -30oC to +85oC
Storage temperature:
-40oC to +100oC
Replaces incandescent lamp numbers*:
40, 46, 1481, 1487, 1821
*See Dialight’s Incandescent lamp/based LED
cross reference for a complete listing
SPECIFICATIONS
Measurements are typical
Dimensions are inches [mm]
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
MDEL586F001_F


Similar Part No. - 586-2702-201F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-2702-220F DIALIGHT-586-2702-220F Datasheet
112Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE SCREW BASE (E10)
More results

Similar Description - 586-2702-201F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-2701-220F DIALIGHT-586-2701-220F Datasheet
112Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE SCREW BASE (E10)
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
logo
Marl International Limi...
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
211 MARL-211 Datasheet
281Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
logo
Dialight Corporation
586-2201-201F DIALIGHT-586-2201-201F Datasheet
111Kb / 2P
   586 Series BASED LED T3 1/4 WEDGE (T10)
586-2401-220F DIALIGHT-586-2401-220F Datasheet
106Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
logo
Marl International Limi...
261 MARL-261 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210 MARL-210 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
logo
Dialight Corporation
586-1101-001F DIALIGHT-586-1101-001F Datasheet
110Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com