Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100ADT6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 100ADT6
Description  High Performance High Current 3-phase Delta RFI Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

100ADT6 Datasheet(HTML) 1 Page - Tyco Electronics

  100ADT6 Datasheet HTML 1Page - Tyco Electronics 100ADT6 Datasheet HTML 2Page - Tyco Electronics 100ADT6 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
101
2
• Designed for very high insertion loss for Delta
three phase, three wire applications
• Available with common or differential mode coils
Ordering Information
100 ADT 6 S
Suffix
S – Differential mode coils
Omit if none
Input / Output Style
6 – Threaded bolt
ADT Series
Current Rating
63, 100, 160 or 200A
Specifications
Electrical Schematics
A
B
C
A
B
C
LINE
LOAD
63ADT6
UL Recognized
Available Part Numbers
63ADT6
63ADT6S
100ADT6
100ADT6S
160ADT6
160ADT6S
200ADT6
200ADT6S
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
High Performance High Current 3-phase Delta RFI Filters
ADT Series
ADT Series
Maximum leakage current at 277 VAC 60 Hz,
each Line to Ground:
ADT6:
1.3 A
63ADT6S:
2.6 A
100, 160, 200ADT6S
4.6 A
Hipot rating (one minute):
Line to Ground:
2210 VDC
Line to Line:
2158 VDC
Rated Voltage (max):
Phase to Phase:
480 VAC
Phase to Ground:
277 VAC
Operating Frequency:
50/60 Hz
Rated Current:
63 to 200A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45


Similar Part No. - 100ADT6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
100ADT6 MACOM-100ADT6 Datasheet
1Mb / 2P
   High Performance Filters for High Current Three Phase Applications
logo
TE Connectivity Ltd
100ADT6 TEC-100ADT6 Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
100ADT6 TEC-100ADT6 Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
logo
Tyco Electronics
100ADT6S MACOM-100ADT6S Datasheet
64Kb / 2P
   High Performance Filters for High Current Three Phase Applications
100ADT6S MACOM-100ADT6S Datasheet
1Mb / 2P
   High Performance Filters for High Current Three Phase Applications
More results

Similar Description - 100ADT6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ADT TEC-ADT Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C_11 Datasheet
185Kb / 3P
   High Performance 3-phase RFI Filters for WYE Applications
logo
List of Unclassifed Man...
FN3359-600-99 ETC2-FN3359-600-99 Datasheet
227Kb / 4P
   High-current EMC/RFI Filter 3-Phase Filters FN 3359
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
Delta Electronics, Inc.
TDT DELTA-TDT Datasheet
231Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE FILTERS
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
TE Connectivity Ltd
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Delta Electronics, Inc.
TYT DELTA-TYT Datasheet
335Kb / 3P
   HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
logo
Tyco Electronics
3AYO1 MACOM-3AYO1 Datasheet
58Kb / 2P
   Lower Current Three Phase RFI Filters
3AYO1 MACOM-3AYO1_1 Datasheet
323Kb / 2P
   Lower Current Three Phase RFI Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com