Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRI2030R Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRI2030R
Description  MRI 2030 High Performance (100dB 100 kHZ to 10 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRI2030R Datasheet(HTML) 3 Page - Tyco Electronics

  MRI2030R Datasheet HTML 1Page - Tyco Electronics MRI2030R Datasheet HTML 2Page - Tyco Electronics MRI2030R Datasheet HTML 3Page - Tyco Electronics MRI2030R Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
34
MRI2030R
MRI 2030R (100 dB 5 MHz to 20 GHz)
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 06.2011
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
te.com
corcom.com
Features
• UL listed and CSA Certified
• Filter compartment sealed, constructed of suitably
plated steel
• Competitively priced
• Removable input cover for terminal access and field
wiring connection
• Threaded conduit fitting with flexible lead on the load
side
• Knockouts provided on the input side
• Discharge bleeder resistor provided to reduce shock
hazard
Electrical Characteristics
Rated Voltage:
277/480 VAC 50/60 Hz
Rated Current:
2 x 30A
Voltage Drop:
Less than 1% @ unity power factor.
Overload:
140% of rated current for 15 minutes.
Harmonic Distortion:
Less than 2% @ full rated current.
Dielectric Withstanding Voltage:
Per MIL-PRF-15733 and UL1283.
D.C. Insulation Resistance:
Per MIL-STD-202, Method 302.
Terminal Strength:
Per MIL-STD-202, Method 211, Condition E.
Temperature Rise:
Per MIL-PRF-15733 and UL1283
R.F. Radiation:
100 dB minimum shielding effectiveness.
Insertion Loss:
100 dB from 5 MHz - 20 GHz per MIL-STD-220.


Similar Part No. - MRI2030R

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
MRI52-A3 ELDECO-MRI52-A3 Datasheet
326Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 24A
More results

Similar Description - MRI2030R

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ES0417 MICRONETICS-ES0417 Datasheet
43Kb / 1P
   High Power Switch 100 kHz to 5 GHz
logo
Marki Microwave
BALH-0010 MARKIMICROWAVE-BALH-0010 Datasheet
587Kb / 6P
   HIGH POWER BALUN (200 kHz to 10 GHz)
BAL-0010 MARKIMICROWAVE-BAL-0010 Datasheet
569Kb / 6P
   BROADBAND BALUN (200 kHz to 10 GHz)
logo
Micronetics, Inc.
SM4 MICRONETICS-SM4 Datasheet
87Kb / 2P
   Noise Diodes 10 kHz to 100 MHz
ST-2 MICRONETICS-ST-2 Datasheet
40Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2A MICRONETICS-ST-2A Datasheet
227Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 3 GHZ
SM-1 MICRONETICS-SM-1 Datasheet
241Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 100 MHZ
logo
Analog Devices
HMC221B AD-HMC221B Datasheet
265Kb / 9P
   GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com