Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592-3130-002 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 592-3130-002
Description  3mm Bi-level Prism CBI Surface Mount LED BI-COLOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

592-3130-002 Datasheet(HTML) 1 Page - Dialight Corporation

  592-3130-002 Datasheet HTML 1Page - Dialight Corporation 592-3130-002 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
592 SERIES
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
3mm Bi-level Prism
® CBI®
Surface Mount LED
BI-COLOR
SPECIFICATIONS
PART NUMBER* COLOR COMBO
592-3030-0XX
RED/GREEN-RED/GREEN
592-3131-0XX
YELLOW/GREEN-YELLOW/GREEN
592-3232-0XX
RED/YELLOW-RED/YELLOW
592-3031-0XX
RED/GREEN-YELLOW GREEN
SERIES
Position 1
Package option
592
3X
3X
0XX
Position 2
Color = 30) Red/Green 31) Yellow/Green
32) Red/Yellow 00) blank
Package Size Options
-002 = 10 piece strip -013 = 13” reel dia.
Note: Custom color combinations available upon
request. Check with factory for details.
PART NUMBER CODE*
MDEF592B001_B
* Part Number with “F” suffix ending is a Lead (Pb) Free
Product - RoHS Compliant.
Available as a Lead (Pb) Free product - RoHS Compliant.
Incorporates latest LED technology, specifically designed for
surface mounting.
Compatible with automatic placement equipment.
Compatible with surface mount reflow soldering processes.
Black housing enhances contrast ratio.
Housing material meet UL-94V-0 flammability ratings.
Patented Bi-level design provides increased indication
without increased space.
Illumination areas compatible with industry standard 3mm
through-hole Bi-level Circuit Board Indicators.
Packaged in moisture barrier bags for dry packaging per
IPC/JEDEC J-STD-033.
Helps to eliminate mixed technology pc board processing.


Similar Part No. - 592-3130-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
592-3535-013 DIALIGHT-592-3535-013 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
More results

Similar Description - 592-3130-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-303030-002F DIALIGHT-593-303030-002F Datasheet
128Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
592-2121-002 DIALIGHT-592-2121-002 Datasheet
137Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
593-202020-002F DIALIGHT-593-202020-002F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-212121-002F DIALIGHT-593-212121-002F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
553-0112F DIALIGHT-553-0112F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com