Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH-4L-B Datasheet(PDF) 1 Page - Tyco Electronics

Part # RJH-4L-B
Description  Inductive Filtering Modular RJ Jacks
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RJH-4L-B Datasheet(HTML) 1 Page - Tyco Electronics

  RJH-4L-B Datasheet HTML 1Page - Tyco Electronics RJH-4L-B Datasheet HTML 2Page - Tyco Electronics RJH-4L-B Datasheet HTML 3Page - Tyco Electronics RJH-4L-B Datasheet HTML 4Page - Tyco Electronics RJH-4L-B Datasheet HTML 5Page - Tyco Electronics RJH-4L-B Datasheet HTML 6Page - Tyco Electronics RJH-4L-B Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
247
L Series
Corcom Product Guide
L Series
Inductive Filtering Modular RJ Jacks
6
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
• Inductive filtering in standard RJ11, RJ45, or
handset jacks.
• Available with standard ferrite sleeve
inductors or higher performance ferrite
blocks
• Available unshielded or shielded with board
grounded shield or spring fingered panel
ground interface
Inductor Filter
RJH-4L-B
RJ45-6L-S
RJ11-2L-S
RJ45-6L-B
RJ11-2L-B
RJ45-8L-S
RJ11-4L-S
RJ45-8L-B
RJ11-4L-B
RJ11-6L-S
RJ11-6L-B
Inductor Filter and Shield
RJ11-2L2-B
RJ45-6L1-S
RJ11-4L1-S
RJ45-6L1-B
RJ11-4L1-B
RJ45-6L2-S
RJ11-4L2-S
RJ45-6L2-B
RJ11-4L2-B
RJ45-8L1-S
RJ11-6L1-S
RJ45-8L1-B
RJ11-6L1-B
RJ45-8L2-S
RJ11-6L2-S
RJ45-8L2-B
RJ11-6L2-B
Available Part Numbers
Shield 2
Shield 1
RJ11
RJ11 with
Block Filter
RJ45 with
Sleeve Filter
RJ45
Specifications
Model dimensions and PC board layout on pages 255-259
Typical Impedance in Ohms
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
1
25
100
200
500
Frequency in MHz
Ferrite block
Ferrite sleeve
Contacts:
Material:
Phosphor Bronze
Plating:
50 microinches gold
Barrier underplating:
100 microinches nickel
Resistance:
Initial:
20 m
 max.
After 500 mating cycles:
30 m
 max.
Ferrites:
Type:
High resistivity, nickel zinc ceramic
Sleeves:
Single-aperture cylinders
Block:
Multi-aperture rectangular prism
Shield Material:
Tin-plated copper alloy
Housing Material:
Glass-filled polyester (UL94V-0)
Dielectric Withstanding Voltage:
Line to Line and Line to Ground:
1000 VAC for
60 seconds
Printed Circuit Board Retention:
Before soldering:
1 lb. minimum
After soldering:
20 lb. minimum


Similar Part No. - RJH-4L-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJH-4L-B MACOM-RJH-4L-B Datasheet
281Kb / 7P
   Inductive Filtering Modular RJ Jacks
More results

Similar Description - RJH-4L-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJH-4L-B MACOM-RJH-4L-B Datasheet
281Kb / 7P
   Inductive Filtering Modular RJ Jacks
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S Datasheet
295Kb / 6P
   Low Capacitance Modular RJ Jacks
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S_11 Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
logo
TE Connectivity Ltd
RJ11 TEC-RJ11 Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
PCA ELECTRONICS INC.
EPJ9372A PCA-EPJ9372A_15 Datasheet
28Kb / 1P
   RJ Filter Port Jacks
EPJ9303-F2 PCA-EPJ9303-F2_15 Datasheet
66Kb / 1P
   RJ-45 Filter Port Jacks
EPJ9302-F2 PCA-EPJ9302-F2_15 Datasheet
68Kb / 1P
   RJ-45 Filter Port Jacks
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com