Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM1411 Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM1411
Description  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1411 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM1411 Datasheet HTML 4Page - Analog Devices ADuM1411 Datasheet HTML 5Page - Analog Devices ADuM1411 Datasheet HTML 6Page - Analog Devices ADuM1411 Datasheet HTML 7Page - Analog Devices ADuM1411 Datasheet HTML 8Page - Analog Devices ADuM1411 Datasheet HTML 9Page - Analog Devices ADuM1411 Datasheet HTML 10Page - Analog Devices ADuM1411 Datasheet HTML 11Page - Analog Devices ADuM1411 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADuM1410/ADuM1411/ADuM1412
Rev. H | Page 8 of 24
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
2.1
3.0
mA
5 MHz logic signal frequency
3 V/5 V Operation
3.8
5.3
mA
5 MHz logic signal frequency
ADuM1412, Total Supply Current,
Four Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
2.0
2.6
mA
DC to 1 MHz logic signal
frequency
3 V/5 V Operation
1.0
1.8
mA
DC to 1 MHz logic signal
frequency
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
1.0
1.8
mA
DC to 1 MHz logic signal
frequency
3 V/5 V Operation
2.0
2.6
mA
DC to 1 MHz logic signal
frequency
10 Mbps (BRWZ Version Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
4.6
6.5
mA
5 MHz logic signal frequency
3 V/5 V Operation
2.6
3.8
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
2.6
3.8
mA
5 MHz logic signal frequency
3 V/5 V Operation
4.6
6.5
mA
5 MHz logic signal frequency
All Models
Input Currents
IIA, IIB, IIC, IID,
ICTRL1, ICTRL2,
IDISABLE
−10
+0.01
+10
μA
0 V ≤ VIA,VIB, VIC,VID ≤ VDD1 or VDD2,
0 V ≤ VCTRL1,VCTRL2 ≤ VDD1 or VDD2,
0 V ≤ VDISABLE ≤ VDD1
Logic High Input Threshold
VIH
5 V/3 V Operation
2.0
V
3 V/5 V Operation
1.6
V
Logic Low Input Threshold
VIL
5 V/3 V Operation
0.8
V
3 V/5 V Operation
0.4
V
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
(VDD1 or VDD2) − 0.1
(VDD1 or VDD2)
V
IOx = −20 μA, VIx = VIxH
(VDD1 or VDD2) − 0.4
(VDD1 or VDD2) − 0.2
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.04
0.1
V
IOx = 400 μA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM141xARWZ
Minimum Pulse Width2
PW
1000 ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
25
70
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|4
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew5
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching6
tPSKCD/OD
50
ns
CL = 15 pF, CMOS signal levels
ADuM141xBRWZ
Minimum Pulse Width2
PW
100
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
10
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
25
35
60
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|4
PWD
5
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew5
tPSK
30
ns
CL = 15 pF, CMOS signal levels


Similar Part No. - ADuM1411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1411 AD-ADUM1411 Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1411 AD-ADUM1411 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADUM1411 AD-ADUM1411 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADUM1411ARWZ AD-ADUM1411ARWZ Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1411ARWZ AD-ADUM1411ARWZ Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
More results

Similar Description - ADuM1411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com