Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593-262423-002-F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 593-262423-002-F
Description  3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

593-262423-002-F Datasheet(HTML) 1 Page - Dialight Corporation

  593-262423-002-F Datasheet HTML 1Page - Dialight Corporation 593-262423-002-F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
593 SERIES
MDEF593A001_B
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
3mm Tri-level Prism
® CBI®
Surface Mount LED
SINGLE COLOR
RoHS Compliant
Incorporates latest LED technology, specifically designed
for surface mounting
Compatible with automatic placement equipment
Compatible with surface mount reflow soldering
processes
Black housing enhances contrast ratio
Housing material meet UL-94V-0 flammability ratings
Patented Tri-level design provides increased
indication without increased space
Illumination areas compatible with industry standard
3mm through-hole Tri-level Circuit Board Indicators
Packaged in moisture barrier bags for dry packaging
per IPC/JEDEC J-STD-033
Helps to eliminate mixed technology pc board
processing
SPECIFICATIONS
SERIES
Position 1
Package option
593
2X
2X
0XX
Position 2
Color = 20) red, 23) green, 24) yellow, 26) blue
28) white, 29) InGaN Green, 00) blank
Package Size Options
-002 = 5 piece strip -013 = 13” reel dia.
PART NUMBER CODE
Note: Custom color combinations available upon
request. Check with factory for details.
2X
Position 3
F
Pin 1 = Cathode, Pin 2 = Anode
Dimensions in Inches [mm]
PART NUMBER
COLOR COMBO
593-202020-0XXF
Red/Red/Red
593-232323-0XXF
Green/Green/Green
593-242424-0XXF
Yellow/Yellow/Yellow
593-262626-0XXF
Blue/Blue/Blue
593-282828-0XXF
White/White/White
593-292929-0XXF
InGaN Green/InGaN Green/
InGaN Green


Similar Part No. - 593-262423-002-F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-212121-002-F DIALIGHT-593-212121-002-F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-212121-002F DIALIGHT-593-212121-002F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-212121-013-F DIALIGHT-593-212121-013-F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-212122-002-F DIALIGHT-593-212122-002-F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-212122-013-F DIALIGHT-593-212122-013-F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
More results

Similar Description - 593-262423-002-F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-212121-002F DIALIGHT-593-212121-002F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
593-303030-002F DIALIGHT-593-303030-002F Datasheet
128Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
592-2121-002 DIALIGHT-592-2121-002 Datasheet
137Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-3030-002 DIALIGHT-592-3030-002 Datasheet
161Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BI-COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
5913001013F DIALIGHT-5913001013F Datasheet
30Kb / 2P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
591-XX01-1XX DIALIGHT-591-XX01-1XX Datasheet
43Kb / 4P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com