Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

609-2222-120F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 609-2222-120F
Description  LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

609-2222-120F Datasheet(HTML) 2 Page - Dialight Corporation

  609-2222-120F Datasheet HTML 1Page - Dialight Corporation 609-2222-120F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number*
Color
Voltage
(VDC)
Intensity**
TYP. (mcd)
LED
Positions
Fig.
609-1122-120F
Red
6
60
Protruding
1
609-1222-120F
Green
6
110
Protruding
1
609-1322-120F
Yellow
6
90
Protruding
1
609-1122-130F
Red
12
60
Protruding
1
609-1222-130F
Green
12
110
Protruding
1
609-1322-130F
Yellow
12
90
Protruding
1
609-1122-140F
Red
24
60
Protruding
1
609-1222-140F
Green
24
110
Protruding
1
609-1322-140F
Yellow
24
90
Protruding
1
609-2122-120F
Red
6
60
Recessed
2
609-2222-120F
Green
6
110
Recessed
2
609-2322-120F
Yellow
6
90
Recessed
2
609-2122-130F
Red
12
60
Recessed
2
609-2222-130F
Green
12
110
Recessed
2
609-2322-130F
Yellow
12
90
Recessed
2
609-2122-140F
Red
24
60
Recessed
2
609-2222-140F
Green
24
110
Recessed
2
609-2322-140F
Yellow
24
90
Recessed
2
STANDARD VERSIONS
Part Number*
Color
Voltage
(VDC)
Intensity**
TYP. (mcd)
LED
Positions
Fig.
609-1122-320F
Red
6
60
Protruding
1
609-1222-320F
Green
6
110
Protruding
1
609-1322-320F
Yellow
6
90
Protruding
1
609-1122-330F
Red
12
60
Protruding
1
609-1222-330F
Green
12
110
Protruding
1
609-1322-330F
Yellow
12
90
Protruding
1
609-1122-340F
Red
24
60
Protruding
1
609-1222-340F
Green
24
110
Protruding
1
609-1322-340F
Yellow
24
90
Protruding
1
609-2122-320F
Red
6
60
Recessed
2
609-2222-320F
Green
6
110
Recessed
2
609-2322-320F
Yellow
6
90
Recessed
2
609-2122-330F
Red
12
60
Recessed
2
609-2222-330F
Green
12
110
Recessed
2
609-2322-330F
Yellow
12
90
Recessed
2
609-2122-340F
Red
24
60
Recessed
2
609-2222-340F
Green
24
110
Recessed
2
609-2322-340F
Yellow
24
90
Recessed
2
WATERTIGHT VERSIONS
*Also available in Chrome-plated brass housing. Insert "1" into the 6th position for the part number to designate chrome housing.
Ex: 609-1112-120F
**15 mA current
MDEL609X001_E
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight Europe Ltd
Exning Road • Newmarket • Suffolk, United Kingdom, CB8 0AX
Tel :+44 (0)1638 666541 • www.dialight.com


Similar Part No. - 609-2222-120F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
609-2222-120 DIALIGHT-609-2222-120 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
More results

Similar Description - 609-2222-120F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
607-1112-110F DIALIGHT-607-1112-110F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
   Watertight - 11/16' Mounting Hole Panel Mount Indicators
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
   Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com