Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

616-1232-140F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 616-1232-140F
Description  LED Panel Mount Indicators for 16mm Mounting Hole
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

616-1232-140F Datasheet(HTML) 1 Page - Dialight Corporation

  616-1232-140F Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
616 Series
LED Panel Mount Indicators
for 16mm Mounting Hole
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
APPLICATIONS
Dialight's 600 series of metric indicators are designed for a variety of
applications such as:
• Main and remote power indication
• Status Indication
• Maintenance and warning indication
• Instrumentation
...and many more!
SPECIFICATIONS
Dimensions in inches [mm]
All measurements are typical
RoHS Compliant
Long Life - typically 100K hours
Low power consumption - uses up to 90% less
energy than an incandescent indicator
No heat generated
Colors include red, green and yellow
Front panel mounting
Voltage requirements: 6, 12 and 24 VDC
(No limiting resistor required)
Electrical connection through solder terminals
Mounting hole size: 0.642 inches (16.3 mm)
Maximum panel thickness: 0.236 inches (6.3 mm)
Mounts with lock washer and nut
(0.217 lbs/ft or 3 Kg/cm torque recommended)
Operating Temperature : -25ºC to +85ºC
Storage Temperature: -25ºC to +100ºC
Housing Material: Polycarbonate
Lens Material: Polycarbonate to match emitting color
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
MDEL616X001_B
Part Number
Color
Voltage
(VDC)
Current
(mA)
Typ. Intensity
(mcd)
RoHS
Compliant
616-1132-120F
Red
6
15
60
616-1232-120F
Green
6
15
110
616-1332-120F
Yellow
6
15
90
616-1132-130F
Red
12
15
60
616-1232-130F
Green
12
15
110
616-1332-130F
Yellow
12
15
90
616-1132-140F
Red
24
15
60
616-1232-140F
Green
24
15
110
616-1332-140F
Yellow
24
15
90


Similar Part No. - 616-1232-140F

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
616-220-301 EDAC-616-220-301 Datasheet
70Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
616-220-303 EDAC-616-220-303 Datasheet
70Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
616-220-304 EDAC-616-220-304 Datasheet
70Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
616-220-305 EDAC-616-220-305 Datasheet
71Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
616-220-306 EDAC-616-220-306 Datasheet
71Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
More results

Similar Description - 616-1232-140F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
249-4162-3734-504F DIALIGHT-249-4162-3734-504F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 3/8' Mounting Hole
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com