Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

891-1R01-111-RA-001 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 891-1R01-111-RA-001
Description  5 1/4' WAYSIDE SIGNAL LAMP MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

891-1R01-111-RA-001 Datasheet(HTML) 2 Page - Dialight Corporation

  891-1R01-111-RA-001 Datasheet HTML 1Page - Dialight Corporation 891-1R01-111-RA-001 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
ELECTRICAL CHARACTERISTICS @ 25oC
OPTICAL PERFORMANCE @ 25oC
891 Series LED 5 1/4” Wayside
Signal Lamp Module
With Rear LED Indicator and AREMA Terminal Block
891-1R01-111-RA-001
891-1R02-111-RA-001
Red Wayside
Signal
110
22
190
36
20oHx20oV
891-1Y01-111-RA-001
891-1Y02-111-RA-001
Yellow Wayside
Signal
110
22
165
30
20oHx20oV
891-1G01-111-RA-001
891-1G02-111-RA-001
Green Wayside
Signal
85
20
120
28
20oHx20oV
891-1W01-111-RA-001
891-1W02-111-RA-001
White Wayside
Signal
85
20
120
28
20oHx20oV
Minimum Initial Light Output
Typical Initial Light Output
Part Number
Description
On-axis*
Luminous
On-axis*
Luminous
Beam
Intensity (cd)
flux (lm)
Intensity (cd)
flux (lm)
Angles*
*Tested with tinted inner and clear outer wayside lenses.
MDTR891X001_C
Part Number
Color
Description
Operating Voltage
891-1G02-321-RA-000
Green
Tunnel, (w/out hardware*)
120 VAC
891-1R02-321-RA-000
Red
Tunnel, (w/out hardware*)
120 VAC
891-1Y02-321-RA-000
Yellow
Tunnel, (w/out hardware*)
120 VAC
891-1W02-321-RA-000
Lunar
Tunnel, (w/out hardware*)
120 VAC
891-1G01-321-RA-000
Green
Tunnel, (w/out hardware*)
12 VDC
891-1R01-321-RA-000
Red
Tunnel, (w/out hardware*)
12 VDC
891-1Y01-321-RA-000
Yellow
Tunnel, (w/out hardware*)
12 VDC
891-1W01-321-RA-000
Lunar
Tunnel, (w/out hardware*)
12 VDC
891-1G02-111-RA-001
Green
Ring lug, 12" leads, with hardware
120 VAC
891-1R02-111-RA-001
Red
Ring lug, 12" leads, with hardware
120 VAC
891-1Y02-111-RA-001
Yellow
Ring lug, 12" leads, with hardware
120 VAC
891-1W02-111-RA-001
Lunar
Ring lug, 12" leads, with hardware
120 VAC
891-1G01-111-RA-001
Green
Ring lug, 12" leads, with hardware
12 AC/DC
891-1R01-111-RA-001
Red
Ring lug, 12" leads, with hardware
12 AC/DC
891-1Y01-111-RA-001
Yellow
Ring lug, 12" leads, with hardware
12 AC/DC
891-1W01-111-RA-001
Lunar
Ring lug, 12" leads, with hardware
12 AC/DC
* Requires hardware kit


Similar Part No. - 891-1R01-111-RA-001

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
891-10-064-30-120000 MILL-MAX-891-10-064-30-120000 Datasheet
160Kb / 1P
   1mm Grid Surface Mount Connectors
More results

Similar Description - 891-1R01-111-RA-001

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
892-1G06-231-RA-005 DIALIGHT-892-1G06-231-RA-005 Datasheet
82Kb / 2P
   8 3/8' WAYSIDE SIGNAL LAMP MODULE
logo
Semtech Corporation
SK1500 SEMTECH-SK1500 Datasheet
721Kb / 30P
   1:5 Signal Distribution
logo
Kingbright Corporation
L-53ID KINGBRIGHT-L-53ID Datasheet
86Kb / 3P
   T-1 3/4 (5 mm) SOLID STATE LAMP
logo
QT Optoelectronics
MV874X QT-MV874X Datasheet
98Kb / 3P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Fairchild Semiconductor
MV8003 FAIRCHILD-MV8003 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8341 FAIRCHILD-MV8341 Datasheet
125Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8832 FAIRCHILD-MV8832 Datasheet
129Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8013 FAIRCHILD-MV8013 Datasheet
128Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8031 FAIRCHILD-MV8031 Datasheet
106Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8331 FAIRCHILD-MV8331 Datasheet
125Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com