Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

657-2803-103F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 657-2803-103F
Description  Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

657-2803-103F Datasheet(HTML) 2 Page - Dialight Corporation

  657-2803-103F Datasheet HTML 1Page - Dialight Corporation 657-2803-103F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Lens Style
Lamp Color
Voltage
(VDC)
Lens Color
Typ. Current
(mA)
Typ Luminance
(fL)
657-1502-103F
Flat
Red
5
Tinted Diffused
20
350
657-1503-103F
Flat
Red
12
Tinted Diffused
20
350
657-1504-103F
Flat
Red
24
Tinted Diffused
20
350
657-1602-103F
Flat
Green
5
Tinted Diffused
20
350
657-1603-103F
Flat
Green
12
Tinted Diffused
20
350
657-1604-103F
Flat
Green
24
Tinted Diffused
20
350
657-1702-103F
Flat
Yellow
5
Tinted Diffused
20
350
657-1703-103F
Flat
Yellow
12
Tinted Diffused
20
350
657-1704-103F
Flat
Yellow
24
Tinted Diffused
20
350
657-1802-103F
Flat
Blue
5
Tinted Diffused
20
125
657-1803-103F
Flat
Blue
12
Tinted Diffused
20
125
657-1804-103F
Flat
Blue
24
Tinted Diffused
20
125
657-1902-103F
Flat
Orange
5
Tinted Diffused
20
475
657-1903-103F
Flat
Orange
12
Tinted Diffused
20
475
657-1904-103F
Flat
Orange
24
Tinted Diffused
20
475
657-1002-303F
Flat
White
5
White Diffused
20
100
657-1003-303F
Flat
White
12
White Diffused
20
100
657-1004-303F
Flat
White
24
White Diffused
20
100
657-2502-103F
Dome
Red
5
Tinted Diffused
20
400
657-2503-103F
Dome
Red
12
Tinted Diffused
20
400
657-2504-103F
Dome
Red
24
Tinted Diffused
20
400
657-2602-103F
Dome
Green
5
Tinted Diffused
20
400
657-2603-103F
Dome
Green
12
Tinted Diffused
20
400
657-2604-103F
Dome
Green
24
Tinted Diffused
20
400
657-2702-103F
Dome
Yellow
5
Tinted Diffused
20
400
657-2703-103F
Dome
Yellow
12
Tinted Diffused
20
400
657-2704-103F
Dome
Yellow
24
Tinted Diffused
20
400
657-2802-103F
Dome
Blue
5
Tinted Diffused
20
175
657-2803-103F
Dome
Blue
12
Tinted Diffused
20
175
657-2804-103F
Dome
Blue
24
Tinted Diffused
20
175
657-2902-103F
Dome
Orange
5
Tinted Diffused
20
675
657-2903-103F
Dome
Orange
12
Tinted Diffused
20
675
657-2904-103F
Dome
Orange
24
Tinted Diffused
20
675
657-2002-303F
Dome
White
5
White Diffused
20
100
657-2003-303F
Dome
White
12
White Diffused
20
100
657-2004-303F
Dome
White
24
White Diffused
20
100
PART NUMBERS - FLAT LENS VERSION
www.dialight.com
2
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
http://www.dialight.com/Assets/Brochures_And_Catalogs/Indication/MDEL657DF001.pdf
MDEL657DF001_C


Similar Part No. - 657-2803-103F

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
657-072 GLENAIR-657-072 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
657-072C10 GLENAIR-657-072C10 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
657-072C11 GLENAIR-657-072C11 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
657-072C13 GLENAIR-657-072C13 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
657-072C16 GLENAIR-657-072C16 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
More results

Similar Description - 657-2803-103F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
   Watertight - 11/16' Mounting Hole Panel Mount Indicators
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
607-1112-110F DIALIGHT-607-1112-110F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
556-1103-304 DIALIGHT-556-1103-304 Datasheet
45Kb / 1P
   11/16, 1 MOUNTING HOLE WATERTIGHT
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com