Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

657-2002-303F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 657-2002-303F
Description  Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

657-2002-303F Datasheet(HTML) 1 Page - Dialight Corporation

  657-2002-303F Datasheet HTML 1Page - Dialight Corporation 657-2002-303F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
p IP67 / NEMA 4X
p Cool-to-the-touch Operation
p Resistant to shock and vibration
p Lens Option:
- Low Profile Flat
- Wide Angle Domed
p RoHS compliant
p Anti-Capillary Wire
p LED Technology engineered for up to 100k hours of operation
657 Series
Domed & Flat LED Watertight
11/16” Mounting Hole
Panel Mount Indicators
APPLICATIONS
p Electrical Control Panels
p Wastewater Treatment Controls
p Dashboards:
- Buses and transit vehicles
- Agricultural and construction equipment
- Aircraft and military vehicles
p Status Indication on Industrial Equipment
p Operating Voltage - 5, 12, 24 VDC
p Operating temperature -35º C to + 65° C
p Storage temperature -40º C to +100° C
p Front Mounting in 11/16” clearance hole
p IP67 / NEMA 4X
SPECIFICATIONS
Dimensions in inches [mm]
DOMED LENS
www.dialight.com
p Lead wire – 18 AWG anti-capillary, standard
p Available in Red, Yellow, Green, Blue, Orange and White
p Mounting Torque - 15in Lbs.
p Lens Material UV Stablized Polycarbonate 94-VO
p Max Panel Thickness - .350”
FLAT LENS


Similar Part No. - 657-2002-303F

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
657-072 GLENAIR-657-072 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
657-072C10 GLENAIR-657-072C10 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
657-072C11 GLENAIR-657-072C11 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
657-072C13 GLENAIR-657-072C13 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
657-072C16 GLENAIR-657-072C16 Datasheet
188Kb / 1P
   Dummy Receptacle for 801 Connectors
More results

Similar Description - 657-2002-303F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
   Watertight - 11/16' Mounting Hole Panel Mount Indicators
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
607-1112-110F DIALIGHT-607-1112-110F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
556-1103-304 DIALIGHT-556-1103-304 Datasheet
45Kb / 1P
   11/16, 1 MOUNTING HOLE WATERTIGHT
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com