Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-16196 Datasheet(PDF) 1 Page - Dialight Corporation

Part # C-16196
Description  RED/GREEN BICOLOR SMT LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

C-16196 Datasheet(HTML) 1 Page - Dialight Corporation

  C-16196 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - C-16196

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-161-1250-FDFB-SLC2 SOURCE-C-161-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-161-1250-FDFB-SLC2-G5 SOURCE-C-161-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-161-1250-FDFB-SLC3 SOURCE-C-161-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-161-1250-FDFB-SLC3-G5 SOURCE-C-161-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-161-1250-FDFB-SLC4 SOURCE-C-161-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-16196

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5097IGW LUMEX-SSL-LX5097IGW Datasheet
95Kb / 1P
   T-5 LED, BICOLOR RED/GREEN LED
SSL-LX5099IGW-R LUMEX-SSL-LX5099IGW-R Datasheet
45Kb / 1P
   T-5mm LED, RED/GREEN BICOLOR
SSI-LXR3816GHW-150 LUMEX-SSI-LXR3816GHW-150 Datasheet
115Kb / 1P
   565mm GREEN/ 700m RED BICOLOR LED
SSL-LX5099GIW-CA LUMEX-SSL-LX5099GIW-CA Datasheet
42Kb / 1P
   T-5mm LED, GREEN/RED BICOLOR LENS
SSL-LX5099IGW-CA LUMEX-SSL-LX5099IGW-CA Datasheet
46Kb / 1P
   T-5mm LED BICOLOR RED/GREEN COMMON ANODE
SSL-LX3044GIW-5V LUMEX-SSL-LX3044GIW-5V Datasheet
67Kb / 1P
   T-3mm 565mm GREEN/635mm RED BICOLOR LED
SSI-RM3091IGW-150 LUMEX-SSI-RM3091IGW-150 Datasheet
62Kb / 1P
   T-3mm RED/GREEN BICOLOR LED PANEL INDICATOR
SSL-LX100139SISUGW LUMEX-SSL-LX100139SISUGW Datasheet
53Kb / 1P
   T-10mm 636mm Red/ 574mm Green Bicolor led
SSL-LX4073IGW LUMEX-SSL-LX4073IGW Datasheet
54Kb / 1P
   T-4.7mm 635nm RED/565nm GREEN BICOLOR LED
SSI-RM3091SISUG381 LUMEX-SSI-RM3091SISUG381 Datasheet
143Kb / 1P
   T-3mm RED/GREEN BICOLOR LED PANEL INDICATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com