Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS24B33+TR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS24B33+TR
Description  1-Wire 4Kb EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS24B33+TR Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS24B33+TR Datasheet HTML 1Page - Maxim Integrated Products DS24B33+TR Datasheet HTML 2Page - Maxim Integrated Products DS24B33+TR Datasheet HTML 3Page - Maxim Integrated Products DS24B33+TR Datasheet HTML 4Page - Maxim Integrated Products DS24B33+TR Datasheet HTML 5Page - Maxim Integrated Products DS24B33+TR Datasheet HTML 6Page - Maxim Integrated Products DS24B33+TR Datasheet HTML 7Page - Maxim Integrated Products DS24B33+TR Datasheet HTML 8Page - Maxim Integrated Products DS24B33+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1-Wire 4Kb EEPROM
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: 1-Wire WRITE
Standard speed
60
120
Write-Zero Low Time
(Notes 2, 16)
tW0L
Overdrive speed
6
16
μs
Standard speed
5
15
Write-One Low Time
(Notes 2, 16)
tW1L
Overdrive speed
1
2
μs
IO PIN: 1-Wire READ
Standard speed
5
15 -
Read Low Time
(Notes 2, 17)
tRL
Overdrive speed
1
2 -
μs
Standard speed
tRL +
15
Read Sample Time
(Notes 2, 17)
tMSR
Overdrive speed
tRL +
2
μs
EEPROM
Programming Current
IPROG
(Note 18)
2
mA
Programming Time
tPROG
(Note 19)
5
ms
At +25°C
200,000
Write/Erase Cycles (Endurance)
(Notes 20, 21)
NCY
At +85°C (worst case)
50,000
Data Retention (Notes 22, 23, 24)
tDR
At +85°C (worst case)
40
Years
Note 1:
Not all parameters are tested at all temperatures.
Note 2:
System requirement.
Note 3:
When operating near the minimum operating voltage (2.8V), a falling edge slew rate of 15V/µs or faster is recommended.
Note 4:
Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system, 1-Wire recovery times,
and current requirements during EEPROM programming. The specified value here applies to systems with only one
device and with the minimum 1-Wire recovery times. For more heavily loaded systems, an active pullup such as that found
in the DS2482-x00 or DS2480B may be required.
Note 5:
Capacitance on the data pin could be 2500pF when VPUP is first applied. If a 2.2k
Ω resistor is used to pull up the data
line, then 15µs after VPUP has been applied, the parasite capacitance does not affect normal communications.
Note 6:
Guaranteed by design, characterization, and/or simulation only. Not production tested.
Note 7:
VTL, VTH, and VHY are a function of the internal supply voltage, which is a function of VPUP, RPUP, 1-Wire timing, and
capacitive loading on IO. Lower VPUP, higher RPUP, shorter tREC, and heavier capacitive loading all lead to lower values of
VTL, VTH, and VHY.
Note 8:
Voltage below which, during a falling edge on IO, a logic 0 is detected.
Note 9:
The voltage on IO must be less than or equal to VILMAX at all times while the master is driving IO to a logic 0 level.
Note 10: Voltage above which, during a rising edge on IO, a logic 1 is detected.
Note 11: After VTH is crossed during a rising edge on IO, the voltage on IO must drop by at least VHY to be detected as logic 0.
Note 12: The I-V characteristic is linear for voltages less than +1V.
Note 13: Applies to a single DS24B33 attached to a 1-Wire line.
Note 14: Defines maximum possible bit rate. Equal to 1/(tW0LMIN + tRECMIN).
Note 15: Interval after tRSTL during which a bus master is guaranteed to sample a logic 0 on IO if there is a DS24B33 present.
Minimum limit is tPDHMAX; maximum limit is tPDHMIN + tPDLMIN.
Note 16:
ε in Figure 11 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to VTH. The actual
maximum duration for the master to pull the line low is tW1LMAX + tF -
ε and tW0LMAX + tF - ε, respectively.
Note 17:
δ in Figure 11 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to the input high
threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Note 18: Current drawn from IO during the EEPROM programming interval. The pullup circuit on IO should be such that during the
programming interval, the voltage at IO is greater than or equal to VPUPMIN. If VPUP in the system is close to VPUPMIN, then
a low-impedance bypass of RPUP, which can be activated during programming, may need to be added.
Note 19: The tPROG interval begins after the trailing rising edge on IO for the last time slot of the E/S byte for a valid copy scratch-
pad sequence. The interval ends once the device’s self-timed EEPROM programming cycle is complete and the current
drawn by the device has returned from IPROG to IL.


Similar Part No. - DS24B33+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33+T MAXIM-DS24B33+T Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
DS24B33+T MAXIM-DS24B33+T Datasheet
352Kb / 22P
   1-Wire 4Kb EEPROM
Rev 2; 3/12
DS24B33+T&R MAXIM-DS24B33+T&R Datasheet
265Kb / 23P
   1-Wire 4Kb EEPROM
Rev 3; 5/12
More results

Similar Description - DS24B33+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
   4Kb 1-Wire EEPROM
19-5581; 10/10
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
   1-Wire 4Kb EEPROM
Rev 2; 3/12
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
   1-Wire 4Kb EEPROM
Rev 3; 5/12
DS24B33 MAXIM-DS24B33 Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
   4Kb EEPROM iButton
Rev 8/09
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL25 MAXIM-DS28EL25_V01 Datasheet
735Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
219-0022; Rev 1; 6/21
logo
Texas Instruments
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com