Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1426CAI+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1426CAI+
Description  10-Bit, 10Msps ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1426CAI+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1426CAI+ Datasheet HTML 6Page - Maxim Integrated Products MAX1426CAI+ Datasheet HTML 7Page - Maxim Integrated Products MAX1426CAI+ Datasheet HTML 8Page - Maxim Integrated Products MAX1426CAI+ Datasheet HTML 9Page - Maxim Integrated Products MAX1426CAI+ Datasheet HTML 10Page - Maxim Integrated Products MAX1426CAI+ Datasheet HTML 11Page - Maxim Integrated Products MAX1426CAI+ Datasheet HTML 12Page - Maxim Integrated Products MAX1426CAI+ Datasheet HTML 13Page - Maxim Integrated Products MAX1426CAI+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10-Bit, 10Msps ADC
10
Detailed Description
The MAX1426 uses a 10-stage, fully differential, pipelined
architecture (Figure 1) that allows for high-speed conver-
sion while minimizing power consumption. Each sample
moves through a pipeline stage every half clock cycle.
Counting the delay through the output latch, there is a 5.5
clock-cycle latency.
A 2-bit flash ADC converts the input voltage to digital
code. A DAC converts the ADC result back into an ana-
log voltage, which is subtracted from the held input sig-
nal. The resulting error signal is then multiplied by two,
and this product is passed along to the next pipeline
stage where the process is repeated. Digital error correc-
tion compensates for offsets and mismatches in each
pipeline stage and ensures no missing codes.
Internal Track-and-Hold Circuit
Figure 2 shows a simplified functional diagram of the
internal track-and-hold (T/H) circuit in both track mode
and hold mode. The fully differential circuit samples the
input signal onto the four capacitors C1a, C1b, C2a,
and C2b. Switches S2a and S2b set the common mode
for the amplifier input, and open before S1. When S1
opens, the input is sampled. Switches S3a and S3b
then connect capacitors C1a and C1b to the output of
the amplifier. Capacitors C2a and C2b are connected
either to REFN, REFP, or each other, depending on the
results of the flash ADC. The amplifier then multiplies
the residue by two and the next stage in the pipeline
performs a similar operation.
System Timing Requirements
Figure 3 shows the relationship between the clock
input, analog input, and data output. The MAX1426
samples the falling edge of the input clock. Output data
is valid on the rising edge of the input clock. The output
data has an internal latency of 5.5 clock cycles, as
shown. Figure 4 shows an output timing diagram that
specifies the relationship between the input clock para-
meters and the valid output data.
Analog Input and Internal Reference
The MAX1426 has an internal +2.5V reference used to
generate three reference levels: +3.25V, +2.25V, and
+1.25V corresponding to VREFP, VCML, and VREFN.
These reference voltages enable a ±2V input range.
Bypass all reference voltages with a 0.1µF capacitor.
The MAX1426 allows for three modes of reference
operation: an internal reference (default) mode, an
externally adjusted reference mode, or a full external
reference mode. The internal reference mode occurs
when no voltages are applied to REFIN, REFP, CML,
T/H
VOUT
x2
Σ
FLASH
ADC
DAC
2 BITS
MDAC
10
VIN
VIN
STAGE 1
STAGE 2
D [9:0]
DIGITAL CORRECTION LOGIC
STAGE 10
S3a
INP
REFP
REFN
REFP
REFN
INN
S4a
S4c
C1a
CML
S2a
S1
S2b
CML
C2a
C2b
C1b
S4b
S3a
INP
a) TRACK MODE
b) HOLD MODE
REFP
REFN
REFP
REFN
INN
S4a
S3b
S4c
C1a
CML
S2a
S1
S2b
CML
C2a
C2b
C1b
S4b
Figure 1. Pipelined A/D Architecture (Block)
Figure 2. Internal Track-and-Hold Circuit


Similar Part No. - MAX1426CAI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1426CAI MAXIM-MAX1426CAI Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
More results

Similar Description - MAX1426CAI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1426 MAXIM-MAX1426 Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
logo
Linear Technology
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
   12-Bit, 10Msps, Sampling ADC
LTC2386-16 LINER-LTC2386-16 Datasheet
1Mb / 22P
   16-Bit, 10Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
LTC1420 LINER-LTC1420 Datasheet
267Kb / 20P
   12-Bit, 10Msps, Sampling ADC
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
logo
Samsung semiconductor
BL8531H-ADC SAMSUNG-BL8531H-ADC Datasheet
136Kb / 11P
   12BIT 10MSPS ADC
logo
Analog Devices
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
logo
Maxim Integrated Produc...
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
logo
Linear Technology
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com