Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDS-425-WW-S Datasheet(PDF) 2 Page - Dialight Corporation

Part # CDS-425-WW-S
Description  CD Series White LED Linear Fixture
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

CDS-425-WW-S Datasheet(HTML) 2 Page - Dialight Corporation

  CDS-425-WW-S Datasheet HTML 1Page - Dialight Corporation CDS-425-WW-S Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model / Colour
Initial Lumen Output
Power Consumption
Input Voltage
CD 425 / CW
1200
14.4 Watts
*13.3 - 16.0 VDC
(per channel)
CD 425 / NW
1200
CD 425 / WW
600
CD 615 / CW
1800
21.6 Watts
*20.0 - 24.0 VDC
(per channel)
CD 615 / NW
1800
CD 615 / WW
900
CD 1190 / CW
3600
43.2 Watts
*40.0 - 48.0 VDC
(per channel)
CD 1190 / NW
3600
CD 1190 / WW
1800
www.dialight.com
MDEXLUMCDX001_B
2
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDEXLUMCDX001.pdf
Series LED Fixture
Cables and Accessories
Typical Wiring Examples
Operating Characteristics
Accessory Code
Description
CAB-FX8S-3
3 Metre Cable links Colourdriver to Junction Block or LED strip
CAB-INFX8S-3
3 Metre Cable links Colourdriver to Extension Cables (CABX)
CABX-8S-8P-5
5 Metre IP67 Extension Cable
CABX-8S-8P-10
10 Metre IP67 Extension Cable
CABX-8S-8P-20
20 Metre IP67 Extension Cable
B8-JB-3
IP67 Junction Block 1 in 3 Out
B8-JB-C
IP67 Junction Block Common Connector
BRKT-STD
Low Profile - Small Bracket (Pairs) Stainless
CAB-INFX8S-3
CAB-FX8S-3
CABX-8S-8P-(5,10,20)
CDU-L-3-35-DMX
CAB-FX8S-3
CAB-8S-8P-(5,10,20)
B8-JB-3
B8-JB-C
Product
MAX
MIN
CDS-425
3
2
CDS-625
2
1
Options connecting to B8-JB-3 (spare outputs requires B8-JB-C)


Similar Part No. - CDS-425-WW-S

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
CDS-425-WWDIP DIALIGHT-CDS-425-WWDIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-WWMIP DIALIGHT-CDS-425-WWMIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-WWSIP DIALIGHT-CDS-425-WWSIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-WWVIP DIALIGHT-CDS-425-WWVIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-WWWIP DIALIGHT-CDS-425-WWWIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
More results

Similar Description - CDS-425-WW-S

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
CDS-425-12-CW-S DIALIGHT-CDS-425-12-CW-S Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-RGB-S-P DIALIGHT-CDS-425-RGB-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
CDS-425-12-S-P DIALIGHT-CDS-425-12-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LPK24 DIALIGHT-LPK24 Datasheet
760Kb / 2P
   DuroSite Series LPK LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P_12 Datasheet
182Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
HBC9C3M DIALIGHT-HBC9C3M Datasheet
369Kb / 4P
   SafeSite Series LED High Bay Fixture
LBW1C1D-EU DIALIGHT-LBW1C1D-EU Datasheet
146Kb / 1P
   DuroSite LED Low Bay Fixture
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com