Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GU-B Datasheet(PDF) 1 Page - Dialight Corporation

Part # GU-B
Description  SINGLE LED MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

GU-B Datasheet(HTML) 1 Page - Dialight Corporation

  GU-B Datasheet HTML 1Page - Dialight Corporation GU-B Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
p Long life, up to 60,000 hours
p Low 1.2 watt power consumption @ 350mA
p Dimmable
p Low profile - ADA compliant
p Optional niche mounting box available for direct burial
in concrete or ground
p Uses the latest LUXEON® Rebel LED technology
p ETL recognized to UL2108 standards for dry, damp or
wet locations
p IP67 rated for interior or exterior use
OPERATING CONDITIONS
p Requires 350mA max constant current driver
p MDU9-35-70 runs 1-9 units
GU1 SERIES
SINGLE LED MODULE
MATERIALS/FINISH
p Anodized aluminum base and “snap-on” top cover
p PMMA lens
p PTFE lead wires 20” (508mm) long, 20 AWG
APPLICATIONS
Ideal for any difficult to maintain location low level pathway
systems, architectural accent, staircases, decks, kitchens,
etc. Easily mounts to wood, tile, stone, glass,
stainless steel, etc
DOME
FLUSH
EYELID
p Ambient Temperature limits -30ºC to +55ºC
(-22ºF to +131ºF)
p 350mA max input current
ORDERING INFORMATION
Guida 1 Base
Series - Cover Type
GU - Dome
GU - Flush
GU - Eyelid
Base & cover purchased separately
Guida 1 Covers
LED Color (A)
W = Whte 5300K / *100 lumen min
NW = Neutral White 4000K / *100 lumen min
WW = Warm White 3050K / *50 lumen min
B = Blue
* LED flux data is manufacturers test data @ 25ºC TJ. Light output at max
acceptable ambient temp will be approximately 25-30% lower, depending on
thermal conductivity of mounting surface and lens type.
RECOGNIZED COMPONENT
www.dialight.com
GU-MBX - Mounting Box


Similar Part No. - GU-B

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
GU-302GG YIC-GU-302GG Datasheet
975Kb / 14P
   GPS & GLONASS Receiver (G-Mouse)
GU-502GG YIC-GU-502GG Datasheet
978Kb / 14P
   GPS & GLONASS Receiver (G-Mouse)
GU-503GG YIC-GU-503GG Datasheet
337Kb / 11P
   GPS & GLONASS Receiver (G-Mouse)
logo
Mitsubishi Electric Sem...
GU-C40 MITSUBISHI-GU-C40 Datasheet
54Kb / 3P
   High Power Inverter Use
logo
Powerex Power Semicondu...
GU-C40 POWEREX-GU-C40 Datasheet
58Kb / 3P
   GATE DRIVER FOR GCT THYRISTOR High Power Inverter Use
More results

Similar Description - GU-B

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
GU2-C-D DIALIGHT-GU2-C-D Datasheet
313Kb / 2P
   SINGLE LED MODULE
logo
OptoSupply Internationa...
OS-MDR3W-W5DLS1C1A OPTOSUPPLY-OS-MDR3W-W5DLS1C1A Datasheet
201Kb / 3P
   LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-5050UXX-03-16-12V-W FORYARD-FYLM-5050UXX-03-16-12V-W Datasheet
1Mb / 4P
   LED Module
logo
OptoSupply Internationa...
OS-MDS3W-W5DTS4C1A OPTOSUPPLY-OS-MDS3W-W5DTS4C1A Datasheet
272Kb / 3P
   LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-2835UXX-03-48-12V-W FORYARD-FYLM-2835UXX-03-48-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5050UXX-01-16-12V-W FORYARD-FYLM-5050UXX-01-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5630UXX-02-06-12V-W FORYARD-FYLM-5630UXX-02-06-12V-W Datasheet
1,012Kb / 4P
   LED Module
FYLM-1134UX3C-03-03-12V-W FORYARD-FYLM-1134UX3C-03-03-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-3528UXX-02-16-12V-W FORYARD-FYLM-3528UXX-02-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5050UXX-01-11-12V-W FORYARD-FYLM-5050UXX-01-11-12V-W Datasheet
933Kb / 4P
   LED Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com