Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDS-425-RGB-V-P Datasheet(PDF) 1 Page - Dialight Corporation

Part # CDS-425-RGB-V-P
Description  CD Series LED Linear RGB Fixture
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

CDS-425-RGB-V-P Datasheet(HTML) 1 Page - Dialight Corporation

  CDS-425-RGB-V-P Datasheet HTML 1Page - Dialight Corporation CDS-425-RGB-V-P Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CD Series LED
Linear RGB Fixture
Certifications & Compliance
w
IP67 rated version available
w
CE Compliant
Features & Benefits:
w
Utilises the latest high efficiency LUXEON Rebel LED technology
w
>70% lumen maintenance @ 50,000 hours at max operating
temperature
w
Low power consumption
w
Choice of optical patterns available
Application:
Utilizes the latest high efficiency LUXEON® Rebel LED technology. Applications
include Retail Lighting, Exterior Lighting, Architectural Lighting, Wall Washing,
Nightclubs and Entertainment. Choice of optical patterns available. All of
Dialight’s long life LED luminaires are designed to meet the most demanding
specification criteria while offering maximum energy savings, reduced mainte-
nance costs, and a superior quality of light.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy
savings, reduced maintenance costs, and a superior quality of light.
Mechanical Information:
Container Dimensions:
28mm x 50mm x Length
[1.10” x 1.97” x Length]
Lengths available 425mm, 615mm or
1190mm [16.73”, 24.21” or 46.85”]
Container Weight:
425mm - 1.2 / 2.6
615mm - 1.6 / 3.5
1190mm - 2.5 / 5.5
Mounting:
Adjustable stainless steel brackets
Electrical specifications:
Operating Temperature:
-20ºC to +50ºC
Drive Current:
350ma
Housing:
Anodised Aluminium Construction
Lens:
Glass Lens (IP) Acrylic Lens (Non -IP)
Photometric Information:
Colour (typ):
RED
627nm
GREEN
530nm
ROYAL BLUE
447nm
Suitable Controllers:
Sunlight Stand Alone Controller
www.dialight.com
Ordering Codes: Fixtures
Ordering Codes: Compatible Drivers
Part Number
Description
CDUL335DMX
ColourDriver 36 - 12 LEDs per channel, 36 Total
C D S - B B B B - R G B - C - D
Length (BBBB)
Lens Type
(C)
IP Rating
Option (D)
Length (mm)
# of LED’s
Power Consumption (watts)
S = Spot 5°
P = IP67
M = Medium 15°
425
12
14.4
W = Wide 25°
615
18
21.6
V = Oval 5° X 20°
Blank = Non IP
1190
36
43.2
D = Spot Diffused 7°


Similar Part No. - CDS-425-RGB-V-P

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
CDS-425-12-CW-S DIALIGHT-CDS-425-12-CW-S Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-12-S-P DIALIGHT-CDS-425-12-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
CDS-425-CW-D DIALIGHT-CDS-425-CW-D Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-CW-D-IP DIALIGHT-CDS-425-CW-D-IP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-CW-M DIALIGHT-CDS-425-CW-M Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
More results

Similar Description - CDS-425-RGB-V-P

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
CDS-425-12-S-P DIALIGHT-CDS-425-12-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
CDS-425-12-CW-S DIALIGHT-CDS-425-12-CW-S Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-CW-S DIALIGHT-CDS-425-CW-S Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LPK24 DIALIGHT-LPK24 Datasheet
760Kb / 2P
   DuroSite Series LPK LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P_12 Datasheet
182Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
HBC9C3M DIALIGHT-HBC9C3M Datasheet
369Kb / 4P
   SafeSite Series LED High Bay Fixture
logo
Sanyo Semicon Device
LC78010E SANYO-LC78010E Datasheet
230Kb / 12P
   Video CD and CD-G Digital RGB Encoder LSI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com