Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5948BESA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5948BESA+
Description  -48V Hot-Swap Controllers with External RSENSE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5948BESA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5948BESA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5948BESA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5948BESA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5948BESA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5948BESA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5948BESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5948BESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5948BESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5948BESA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
-48V Hot-Swap Controllers
with External RSENSE
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VEE = 0V, VDD = 48V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWRGD, PWRGD Output
Leakage
IOH
VPWRGD (MAX5948A) = 80V, VDRAIN = 48V,
VPWRGD (MAX5948B) = 80V, VDRAIN = 0V
10
µA
Power-Good Output Impedance
(PWRGD to DRAIN)
ROUT
VPWRGD (MAX5948B) (VDRAIN - VEE) < VPG
500 x
103
MΩ
PWRGD Output Low Voltage
VOL
VPWRGD - VEE; VDRAIN - VEE < VPG,
IOUT = 1mA (MAX5948A)
0.11
0.4
V
PWRGD Output Low Voltage
VOL
VPWRGD - VDRAIN; VDRAIN = 5V,
IOUT = 1mA (MAX5948B)
0.11
0.4
V
AC PARAMETERS
OV High to GATE Low
tPHLOV
Figures 2, 3
0.5
µs
UV Low to GATE Low
tPHLUV
Figures 2, 4
0.4
µs
OV Low to GATE High
tPLHOV
Figures 2, 3
3.3
µs
UV High to GATE High
tPLHVL
Figures 2, 4
3.4
µs
SENSE High to GATE Low
tPHLSENSE
Figures 2, 5
2
3
4
µs
MAX5948A, Figures 2, 6
0.5
DRAIN Low to PWRGD Low
DRAIN Low to (PWRGD - DRAIN)
High
tPHLPG
MAX5948B, Figures 2, 6
0.5
µs
MAX5948A, Figures 2, 6
0.5
DRAIN High to PWRGD High
DRAIN High to (PWRGD -
DRAIN) Low
tPLHPG
MAX5948B, Figures 2, 6
0.5
µs
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to VEE,
unless otherwise specified.
Note 3: Limits are 100% tested at TA = +25°C and +85°C. Limits at -40°C are guaranteed by design.
2V
100mA MAX
MAX5948
PWRGD/PWRGD
OV
UV
VEE
VDD
DRAIN
GATE
TEST VOLTAGE
SENSE
Figure 1. -2V DRAIN Voltage Test Circuit


Similar Part No. - MAX5948BESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5948BESA MAXIM-MAX5948BESA Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
More results

Similar Description - MAX5948BESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com