Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9918_1107 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9918_1107
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9918_1107 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9918_1107 Datasheet HTML 5Page - Maxim Integrated Products MAX9918_1107 Datasheet HTML 6Page - Maxim Integrated Products MAX9918_1107 Datasheet HTML 7Page - Maxim Integrated Products MAX9918_1107 Datasheet HTML 8Page - Maxim Integrated Products MAX9918_1107 Datasheet HTML 9Page - Maxim Integrated Products MAX9918_1107 Datasheet HTML 10Page - Maxim Integrated Products MAX9918_1107 Datasheet HTML 11Page - Maxim Integrated Products MAX9918_1107 Datasheet HTML 12Page - Maxim Integrated Products MAX9918_1107 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
VOUT - VREFIN vs. VSENSE
70
60
40 50
0 10 20 30
-10
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-1.0
-20
80
MAX9918, VREFIN = 0V
UNIDIRECTIONAL,
GAIN = 90V/V
-2V VCM: SOLID LINE
14V VCM: DASHED LINE
VSENSE (mV)
VOUT - VREFIN vs. VSENSE
VSENSE (mV)
30
20
0
10
-20 -10
-30
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
-3.0
-40
40
MAX9918, VREFIN = VCC/2
BIDIRECTIONAL,
GAIN = 90V/V
-2V VCM: SOLID LINE
14V VCM: DASHED LINE
VOH/VOL vs. IOH
IOH (mA)
9
8
7
6
5
4
3
2
1
50
100
150
200
250
300
350
0
010
VCC - VOH
VCM = +14V
VOL
LINEARITY vs. VSENSE
VSENSE (mV)
65
60
55
40 45 50
10 15 20 25 30 35
5
-0.08
0.02
0.04
0.06
0
-0.02
-0.04
-0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
-0.10
070
VCM = +14V
VCC = 5V
VREFIN = VGND
AV = 90V/V
UNIDIRECTIONAL
TA = -40°C
TA = +25°C
TA = +125°C
LINEARITY vs. VSENSE
VSENSE (mV)
80
60
020 40
-60 -40 -20
-80
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-0.25
-100
100
VCM = -2V
VCC = 5V
VREFIN = VCC/2
AV = 30V/V
BIDIRECTIONAL
TA = +25°C
TA = +125°C
TA = -40°C
LINEARITY vs. VSENSE
VSENSE (mV)
80
60
020 40
-60 -40 -20
-80
-100
100
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.10
VCM = +14V
VCC = 5V
VREFIN = VCC/2
AV = 30V/V
BIDIRECTIONAL
TA = +25°C
TA = +125°C
TA = -40°C


Similar Part No. - MAX9918_1107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
More results

Similar Description - MAX9918_1107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
   -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com