Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5948A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5948A
Description  -48V Hot-Swap Controllers with External RSENSE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5948A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5948A Datasheet HTML 7Page - Maxim Integrated Products MAX5948A Datasheet HTML 8Page - Maxim Integrated Products MAX5948A Datasheet HTML 9Page - Maxim Integrated Products MAX5948A Datasheet HTML 10Page - Maxim Integrated Products MAX5948A Datasheet HTML 11Page - Maxim Integrated Products MAX5948A Datasheet HTML 12Page - Maxim Integrated Products MAX5948A Datasheet HTML 13Page - Maxim Integrated Products MAX5948A Datasheet HTML 14Page - Maxim Integrated Products MAX5948A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
-48V Hot-Swap Controllers
with External RSENSE
______________________________________________________________________________________
11
In the event of a short circuit at the output, the input
supply may dip below the UV threshold, resetting the
circuit breaker. The MAX5948 cycles ON and OFF until
the short is removed, which can be minimized by creat-
ing a deglitching delay at the UV pin with a capacitor
from UV to VEE. This allows the input supply to recover
before the UV pin resets the circuit breaker.
Figure 10 shows a circuit that automatically resets the
circuit breaker after a current fault. Transistors Q2 and
Q3 along with C4, D1, R7, and R8 form a programma-
ble one-shot circuit. In normal operation, the GATE pin
is pulled high and Q3 is turned on, pulling node 2 to
VEE. Resistor R8 turns off Q2. When a short occurs, the
GATE pin is pulled low and Q3 turns off. Node 2 starts
to charge C4 and Q2 turns on, pulling the UV pin low
and resetting the circuit breaker. The instant C4 is fully
charged, R8 turns off Q2, UV goes high and the GATE
starts to ramp up. Q3 turns back on and pulls node 2
back to VEE. Diode D1 clamps node 3 at one diode
drop below VEE. The duty cycle is set to 10% to prevent
Q1 from overheating.
Undervoltage and Overvoltage Protection
The UV and OV pins can be used to detect undervolt-
age and overvoltage conditions. The UV and OV pins
are internally connected to analog comparators with
20mV of hysteresis. When the UV voltage falls below its
threshold or the OV voltage rises above its threshold,
the GATE pin is immediately pulled low. The GATE pin
is held low until UV goes high and OV is low indicating
that the input supply voltage is within specification.
The UV pin is also used to reset the circuit breaker after
a fault condition has occurred. The UV pin can be
pulled below VUVL to reset the circuit breaker.
VEE
SENSE
GATE
DRAIN
VDD
OV
UV
PWRGD
MAX5948A
-48V RTN
-48V RTN
(SHORT PIN)
*
-48V
*DIODES INC. SMAT70A.
R4
562k
1%
R8
510k
5%
R5
19.1k
1%
R6
562k
1%
R7
1M
5%
R9
10k
1%
R1
0.02
5%
R3
18k
5%
R2
10
5%
C1
150nF
25V
C4
1
µF
100V
Q1
IRF530
D1
1N4148
Q2
2N2222
Q3
ZVN3310
C2
3.3nF
100V
C3
100
µF
100V
GATE
2V/div
NODE2
50V/div
1s/div
NODE 2
Figure 10. Automatic Restart After Current Fault


Similar Part No. - MAX5948A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5948A MAXIM-MAX5948A Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948AESA MAXIM-MAX5948AESA Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
More results

Similar Description - MAX5948A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com