Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9918ASA+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9918ASA+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9918ASA+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9918ASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX9918ASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX9918ASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX9918ASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX9918ASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9918ASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9918ASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9918ASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9918ASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX9918/MAX9919/MAX9920 are single-supply,
high-accuracy current-sense amplifiers with a high
input common-mode range that extends from -20V to
+75V. These amplifiers are well suited for current moni-
toring of inductive loads such as motors and solenoids,
where common-mode voltages can become negative
due to inductive kickback, reverse-battery conditions,
or transient events.
The MAX9918/MAX9920 feature adjustable gain set by
an external resistive-divider network. The MAX9919 fea-
tures fixed gains of 45V/V (MAX9919F) and 90V/V
(MAX9919N). The MAX9918/MAX9919/MAX9920 oper-
ate as unidirectional amplifiers when VREFIN = GND
and as bidirectional amplifiers when VREFIN = VCC/2.
The MAX9920 attenuates the input signal by a factor of
4 at the input level-shifting stage allowing the device to
sense voltages up to 200mV (unidirectional operation)
or ±100mV (bidirectional operation).
The MAX9918/MAX9919/MAX9920 operate with a sin-
gle 5V supply voltage, are fully specified over the -40°C
to +125°C automotive temperature range, and are
available in an 8-pin SOIC package.
Applications
H-Bridge Motor Current Sensing
Solenoid Current Sensing
Current Monitoring of Inductive Loads
High- and Low-Side Precision Current Sensing
4x4 Transmission Control
Electronic Throttle Control
Super-Capacitor Charge/Discharge Monitoring in
Hybrid Cars
Precision High-Voltage Current Monitoring
Features
o -20V to +75V Input Common-Mode Voltage Range
o 400µV (max) Input Offset Voltage
o 0.6% (max) Gain Accuracy Error
o Uni- or Bidirectional Current Sensing
o Reference Input for Bidirectional OUT
o 120kHz, -3dB Bandwidth (MAX9919N)
o Single-Supply Operation (4.5V to 5.5V)
o 1mA Supply Current
o 0.5µA (typ) Shutdown Current
o Rail-to-Rail Output
o -40°C to +125°C Automotive Temperature Range
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
________________________________________________________________
Maxim Integrated Products
1
19-5015; Rev 4; 7/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
M
φ2B
φ1B
ADC
REF
A
INPUT STAGE
LEVEL SHIFTER
RSENSE
VBATT
ADJUSTABLE GAIN
VCC
VCC
RS+
RS-
FB
OUT
REFIN
R2
R1
GND
GND
SHDN
φ2B
φ1A
MAX9918
MAX9920
μC
Typical Operating Circuit
Ordering Information/
Selector Guide
PART
VSENSE
(mV)
GAIN
(V/V)
PIN-
PACKAGE
MAX9918ASA+
±50
Adjustable
8 SOIC-EP*
MAX9918ASA/V+
±50
Adjustable
8 SOIC-EP*
MAX9919FASA+
±50
45
8 SOIC-EP*
MAX9919NASA+
±50
90
8 SOIC-EP*
MAX9919NASA/V+
±50
90
8 SOIC-EP*
MAX9920ASA+
±200
Adjustable
8 SOIC-EP*
MAX9920ASA/V+
±200
Adjustable
8 SOIC-EP*
Note: All devices operate over the -40°C to +125°C temperature
range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
*
EP = Exposed pad.


Similar Part No. - MAX9918ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918ASA++ MAXIM-MAX9918ASA+ Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918ASA++ MAXIM-MAX9918ASA+ Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
More results

Similar Description - MAX9918ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
   -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com