Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15022 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15022
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15022 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15022 Datasheet HTML 1Page - Maxim Integrated Products MAX15022 Datasheet HTML 2Page - Maxim Integrated Products MAX15022 Datasheet HTML 3Page - Maxim Integrated Products MAX15022 Datasheet HTML 4Page - Maxim Integrated Products MAX15022 Datasheet HTML 5Page - Maxim Integrated Products MAX15022 Datasheet HTML 6Page - Maxim Integrated Products MAX15022 Datasheet HTML 7Page - Maxim Integrated Products MAX15022 Datasheet HTML 8Page - Maxim Integrated Products MAX15022 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
General Description
The MAX15022 is a dual-output, pulse-width-modulated
(PWM), step-down DC-DC regulator with dual LDO con-
trollers. The device operates from 2.5V to 5.5V and
each output can be adjusted from 0.6V to the input
supply (VAVIN). The MAX15022 delivers up to 4A (regu-
lator 1) and 2A (regulator 2) of output current with two
LDO controllers that can be used to drive two external
PNP transistors to provide two additional outputs. This
device offers the ability to adjust the switching frequen-
cy from 500kHz to 4MHz and provides the capability of
optimizing the design in terms of size and performance.
The MAX15022 utilizes a voltage-mode control scheme
with external compensation to provide good noise
immunity and maximum flexibility in selecting inductor
values and capacitor types. The dual switching regula-
tors operate 180° out-of-phase, thereby reducing the
RMS input ripple current and thus the size of the input
bypass capacitor significantly.
The MAX15022 offers the ability to track (coincident or
ratiometric) or sequence during power-up and power-
down operation. When sequencing, it powers up glitch-
free into a prebiased output.
Additional features include an internal undervoltage
lockout with hysteresis and a digital soft-start/soft-stop
for glitch-free power-up and power-down. Protection
features include lossless cycle-by-cycle current limit,
hiccup-mode output short-circuit protection, and ther-
mal shutdown.
The MAX15022 is available in a space-saving, 5mm x
5mm, 28-pin TQFN-EP package and is specified for
operation from -40°C to +125°C temperature range.
Applications
RFID Reader Cards
Power-over-Ethernet (PoE) IP Phones
Automotive Multimedia
Multivoltage Supplies
Networking/Telecom
Features
o 2.5V to 5.5V Input-Voltage Range
o Dual-Output Synchronous Buck Regulators
o Integrated Switches for 4A and 2A Output
Currents
o 180° Out-Of-Phase Operation
o Output Voltage Adjustable from 0.6V to VAVIN
o Two LDO Controllers
o Lossless, Cycle-by-Cycle Current Sensing
o External Compensation for Maximum Flexibility
o Digital Soft-Start and Soft-Stop for Tracking
Applications
o Digital Soft-Start into a Prebiased Load for
Sequencing Applications
o Sequencing or Coincident/Ratiometric Tracking
o Programmable Switching Frequency from 500kHz
to 4MHz
o Thermal Shutdown and Hiccup-Mode Short-
Circuit Protection
o 30µA Shutdown Current
o 100% Maximum Duty Cycle
o Space-Saving (5mm x 5mm) 28-Pin TQFN
Package
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Dual LDO Controllers
________________________________________________________________
Maxim Integrated Products
1
MAX15022
THIN QFN
(5mm x 5mm)
TOP VIEW
26
27
25
24
10
9
11
12
1
+
2
EN2
4
*EP
*EP = EXPOSED PAD.
56
7
20
21
19
17
16
15
SGND
AVIN
COMP1
FB1
EN1
DVDD1
3
18
28
8
RT
PGND1
FB2
23
13
B3
COMP2
22
14
FB3
B4
Pin Configuration
Ordering Information
19-4107; Rev 1; 7/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX15022ATI+
-40°C to +125°C
28 TQFN-EP*
MAX15022ATI/V+
-40°C to +125°C
28 TQFN-EP*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
/V denotes an automotive qualified part.


Similar Part No. - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022 Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
MAX15022ATI MAXIM-MAX15022ATI Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022EVKIT MAXIM-MAX15022EVKIT Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
MAX15022EVKIT++ MAXIM-MAX15022EVKIT+ Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
More results

Similar Description - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021 MAXIM-MAX15021 Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Rev 1; 8/12
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
logo
Linear Technology
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417 LINER-LTC3417_15 Datasheet
381Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com