Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17499 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17499
Description  Current-Mode PWM Controllers with Programmable Switching Frequency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17499 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17499 Datasheet HTML 6Page - Maxim Integrated Products MAX17499 Datasheet HTML 7Page - Maxim Integrated Products MAX17499 Datasheet HTML 8Page - Maxim Integrated Products MAX17499 Datasheet HTML 9Page - Maxim Integrated Products MAX17499 Datasheet HTML 10Page - Maxim Integrated Products MAX17499 Datasheet HTML 11Page - Maxim Integrated Products MAX17499 Datasheet HTML 12Page - Maxim Integrated Products MAX17499 Datasheet HTML 13Page - Maxim Integrated Products MAX17499 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
For the MAX17500, the voltage at IN is normally derived
from a tertiary winding of the transformer. However, at
startup there is no energy being delivered through the
transformer; hence, a special bootstrap sequence is
required. Figure 2 shows the voltages at VIN and VCC
during startup. Initially, both VIN and VCC are 0V. After
the line voltage is applied, C1 charges through the
startup resistor, R1, to an intermediate voltage. At this
point, the internal regulator begins charging C2 (see
Figure 1). Only 50μA of the current supplied through R1
is used by the MAX17500; the remaining input current
charges C1 and C2. The charging of C2 stops when
the VCC voltage reaches approximately 9.5V, while the
voltage across C1 continues rising until it reaches the
wake-up level of 21.6V. Once VIN exceeds the boot-
strap UVLO threshold, NDRV begins switching the
MOSFET and transfers energy to the secondary and
tertiary outputs. If the voltage on the tertiary output
builds to higher than 9.74V (the bootstrap UVLO lower
threshold), then startup has been accomplished and
sustained operation commences. If VIN drops below
9.74V before startup is complete, the device goes back
to low-current UVLO. In this case, increase the value of
C1 to store enough energy to allow for the voltage at
the tertiary winding to build up.
UVLO Flag (UFLG)
The devices have an open-drain undervoltage flag out-
put (UFLG). When used with an optocoupler, the UFLG
output can serve to sequence a secondary-side con-
troller. An internal 210μs delay occurs the instant the
voltage on UVLO/EN drops below 1.17V until NDRV
stops switching. This allows for the UFLG output to
change state before the devices shut down (Figure 3).
When the voltage at the UVLO/EN is above the thresh-
old, UFLG is high impedance. When UVLO/EN is below
the threshold, UFLG goes low. UFLG is not affected by
bootstrap UVLO (MAX17500).
Current-Mode PWM Controllers with
Programmable Switching Frequency
10
______________________________________________________________________________________
MAX17499/MAX17500 fig02
100ms/div
VCC
2V/div
VIN
5V/div
0V
Figure 2. VIN and VCC During Startup When Using the
MAX17500 in Bootstrapped Mode (Figure 1)
VUVLO/EN
LOW
LOW
HIGH-Z
VUFLG
VNDRV
SHUTDOWN
SHUTDOWN
tEXTR
3ms
1.23V
(
±1%)
1.17V (typ)
tEXTF
210
μs
0.6
μs
3
μs
NDRV SWITCHING
Figure 3. UVLO/EN and UFLG Operation Timing


Similar Part No. - MAX17499

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1749 MAXIM-MAX1749 Datasheet
108Kb / 8P
   SOT23 Vibrator Motor Driver
19-1455; Rev 1; 6/99
MAX17491 MAXIM-MAX17491 Datasheet
297Kb / 12P
   Single-Phase Synchronous MOSFET Driver
Rev 0; 6/10
MAX17491GTA++ MAXIM-MAX17491GTA+ Datasheet
297Kb / 12P
   Single-Phase Synchronous MOSFET Driver
Rev 0; 6/10
MAX17491GTA++ MAXIM-MAX17491GTA+ Datasheet
791Kb / 13P
   Single-Phase Synchronous MOSFET Driver
2020
MAX17491 MAXIM-MAX17491_V01 Datasheet
791Kb / 13P
   Single-Phase Synchronous MOSFET Driver
2020
More results

Similar Description - MAX17499

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com