Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17710 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17710
Description  Energy-Harvesting Charger and Protector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17710 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17710 Datasheet HTML 1Page - Maxim Integrated Products MAX17710 Datasheet HTML 2Page - Maxim Integrated Products MAX17710 Datasheet HTML 3Page - Maxim Integrated Products MAX17710 Datasheet HTML 4Page - Maxim Integrated Products MAX17710 Datasheet HTML 5Page - Maxim Integrated Products MAX17710 Datasheet HTML 6Page - Maxim Integrated Products MAX17710 Datasheet HTML 7Page - Maxim Integrated Products MAX17710 Datasheet HTML 8Page - Maxim Integrated Products MAX17710 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MAX17710
Energy-Harvesting Charger and Protector
����������������������������������������������������������������� Maxim Integrated Products 1
Simplified Operating Circuit
19-5872; Rev 1; 7/11
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to: www.maxim-ic.com/MAX17710.related
General Description
The MAX17710 is a complete system for charging and
protecting micropower-storage cells such as Infinite Power
Solution’s THINERGY® microenergy cells (MECs). The IC
can manage poorly regulated sources such as energy-
harvesting devices with output levels ranging from 1FW to
100mW. The device also includes a boost regulator circuit
for charging the cell from a source as low as 0.75V (typ).
An internal regulator protects the cell from overcharging.
Output voltages supplied to the target applications are
regulated using a low-dropout (LDO) linear regulator with
selectable voltages of 3.3V, 2.3V, or 1.8V. The output regu-
lator operates in a selectable low-power or ultra-low-power
mode to minimize drain of the cell. Internal voltage protec-
tion prevents the cell from overdischarging.
The device is available in an ultra-thin, 3mm x 3mm x
0.5mm 12-pin UTDFN package.
Applications
Features
S
Integrated Power-Management IC for Energy
Storage and Load Management
S
Lithium Charger
1nA Standby IQBATT
625nA Linear Charging
1µW Boost Charging
S
Lithium Cell Undervoltage Protection
S
Charger Overvoltage Shunt Protection
S
1.8V, 2.3V, or 3.3V LDO (150nA IQBATT)
S
Lithium Cell Output Buffering
S
Ultra-Thin, 3mm x 3mm x 0.5mm UTDFN Package
Powered/Smart Cards
Remote Wireless
Sensors
Memory and Real-Time
Clock Backup
Semiactive RFID Tags
Medical Devices
High-Temperature
Applications
Military/DoD and
Aerospace
Toys
THINERGY is a registered trademark of Infinite Power Solutions, Inc.
E V A L U A T I O N K I T A V A I L A B L E
LX
FB
GND
EP
PGND
SEL1
CHG
SEL2
BATT
TEG, SOLAR,
OR OTHER
LOW-VOLTAGE
SOURCE
RF OR OTHER
HIGH-VOLTAGE
SOURCE
THINERGY
MEC101
PCKP
REG
AE
LCE
LDO
CONTROL
SIGNALS
UNREGULATED
OUTPUT
REGULATED
OUTPUT
MAX17710
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX17710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 8P
   MAX17710 Evaluation Kit
Rev 1; 10/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector Lithium Cell Undervoltage Protection
Rev 0; 6/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 18P
   Energy-Harvesting Charger and Protector
Rev 2; 12/12
MAX17710EVKIT MAXIM-MAX17710EVKIT Datasheet
1Mb / 8P
   MAX17710 Evaluation Kit
Rev 1; 10/11
MAX17710G MAXIM-MAX17710G Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector Lithium Cell Undervoltage Protection
Rev 0; 6/11
More results

Similar Description - MAX17710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17710 MAXIM-MAX17710_13 Datasheet
1Mb / 18P
   Energy-Harvesting Charger and Protector
Rev 2; 12/12
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector Lithium Cell Undervoltage Protection
Rev 0; 6/11
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
   ENERGY HARVESTING ELECTRONICS
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
List of Unclassifed Man...
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
   ENERGY HARVESTING ELECTRONICS
logo
Analog Devices
ADP5090-2 AD-ADP5090-2 Datasheet
386Kb / 9P
   Plug and play energy harvesting platform
logo
Linear Technology
LTC3331EUH LINER-LTC3331EUH Datasheet
1Mb / 16P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTC3331 LINER-LTC3331_15 Datasheet
480Kb / 34P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
   Solar Cell Energy Harvesting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com