Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44261AXT+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX44261AXT+
Description  1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44261AXT+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX44261AXT+ Datasheet HTML 2Page - Maxim Integrated Products MAX44261AXT+ Datasheet HTML 3Page - Maxim Integrated Products MAX44261AXT+ Datasheet HTML 4Page - Maxim Integrated Products MAX44261AXT+ Datasheet HTML 5Page - Maxim Integrated Products MAX44261AXT+ Datasheet HTML 6Page - Maxim Integrated Products MAX44261AXT+ Datasheet HTML 7Page - Maxim Integrated Products MAX44261AXT+ Datasheet HTML 8Page - Maxim Integrated Products MAX44261AXT+ Datasheet HTML 9Page - Maxim Integrated Products MAX44261AXT+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX44260/MAX44261
1.8V 15MHz Low-Offset,
Low-Power, Rail-to-Rail I/O Op Amps
Typical Operating Characteristics (continued)
(VDD = 3.3V, VSS = 0V, VIN+ = VIN- = VDD/2, RL = 10kI to VDD/2, VCAL = VSHDN = VDD, TA = -40NC to +125NC. Typical values are at
TA = +25NC, unless otherwise noted. All devices are 100% production tested at TA = +25NC. Temperature limits are guaranteed by design.)
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
(VSHDN = VEE)
SUPPLY VOLTAGE (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
5.5
TA = -40°C
TA = +125°C
TA = +25°C
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
10
1
0.1
-100
-80
-60
-40
-20
0
-120
0.01
100k
OPEN-LOOP GAIN
vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
10
1
0
0.01
20
40
60
80
100
120
0
0.001
100k
DC CMRR AND PSRR
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
-98
-96
-94
-92
-90
-100
-50
125
DC CMRR
DC PSRR
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
-100
-80
-60
-40
-20
0
-120
10k
1k
100
10
1
0
0.01
100k
INPUT VOLTAGE-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (kHz)
1k
100
10
1
0.1
50
100
150
200
250
300
350
400
450
500
0
0.01
10k


Similar Part No. - MAX44261AXT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44261AXT++ MAXIM-MAX44261AXT+ Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
MAX44261AXT++ MAXIM-MAX44261AXT+ Datasheet
1,007Kb / 14P
   1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
More results

Similar Description - MAX44261AXT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44260 MAXIM-MAX44260_12 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44260_V4 MAXIM-MAX44260_V4 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
MAX44259 MAXIM-MAX44259_V01 Datasheet
1,007Kb / 14P
   1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
MAX44260 MAXIM-MAX44260 Datasheet
2Mb / 14P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current
Rev 0; 6/11
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
   1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
Maxim Integrated Produc...
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com