Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR25D07LA Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDR25D07LA
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR25D07LA Datasheet(HTML) 1 Page - Sumida Corporation

  CDR25D07LA_11 Datasheet HTML 1Page - Sumida Corporation CDR25D07LA_11 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR25D07/LA
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H: 2.71×2.71 x0.8 mm Max.
• Product weight: 0.02g(Ref.)
• Moisture Sensitivity Level: 1
• Special design to improve ACR, operating
frequency up to 6MHz.
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
Applications
• Ideally used in MP3/MP4, smart phone, PDA,
DSC/DVC, etc.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
2.56
2.
56
(3
.2
0)
(2.
40
)
(1.
15)
45
°
+0.15
-0.10
+0
.1
5
-0
.1
0
MAX 0.80
0.45
0.31
391
±20%
4.7
±20%
F
CDR25D07LANP-4R7MC
0.49
0.37
331
±20%
3.3
±20%
E
CDR25D07LANP-3R3MC
0.66
0.45
202
±20%
2.2
±25%
D
CDR25D07LANP-2R2PC
0.87
0.53
136
±20%
1.5
±25%
C
CDR25D07LANP-1R5PC
0.98
0.64
104
±20%
1.0
±25%
B
CDR25D07LANP-1R0PC
1.58
0.78
53
±25%
0.68
±25%
A
CDR25D07LANP-R68PC
Temperature
rise current
(
A)
※3
△T=40℃
Saturation
current
(A)※2
(at 20
℃)
D.C.R.
(m
Ω)
[Within]
(at 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part name
C0.40
45
°
2.2
0
3.5
0
1.
30
R0.10
Electrical Characteristics
※1. Measuring condition: at 1MHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDR25D07LA_11

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR25D07LANP-1R0PC SUMIDA-CDR25D07LANP-1R0PC Datasheet
198Kb / 2P
   Power Inductor
CDR25D07LANP-1R5PC SUMIDA-CDR25D07LANP-1R5PC Datasheet
198Kb / 2P
   Power Inductor
CDR25D07LANP-2R2PC SUMIDA-CDR25D07LANP-2R2PC Datasheet
198Kb / 2P
   Power Inductor
CDR25D07LANP-3R3MC SUMIDA-CDR25D07LANP-3R3MC Datasheet
198Kb / 2P
   Power Inductor
CDR25D07LANP-4R7MC SUMIDA-CDR25D07LANP-4R7MC Datasheet
198Kb / 2P
   Power Inductor
More results

Similar Description - CDR25D07LA_11

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com