Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH6D38T125 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH6D38T125
Description  Ferrite drum core construction.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D38T125 Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH6D38T125 Datasheet HTML 1Page - Sumida Corporation CDRH6D38T125 Datasheet HTML 2Page - Sumida Corporation CDRH6D38T125 Datasheet HTML 3Page - Sumida Corporation CDRH6D38T125 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 1-Aug-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH6D38/T125
0
10
20
30
40
50
60
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0.0
1.0
2.0
3.0
4.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0 0.8 1.6 2.4 3.2 4.0
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0 0.8 1.6 2.4 3.2 4.0 4.8
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0 0.8 1.6 2.4 3.2 4.0 4.8
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0.0 0.8 1.6 2.4 3.2 4.0 4.8
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
1
2
3
4
5
6
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDRH6D38T125NP-3R0NC
△T (℃)
L (
μH)
2. CDRH6D38T125NP-3R9NC
△T (℃)
L (
μH)
3. CDRH6D38T125NP-4R7NC
L (
μH)
DC (A)
5. CDRH6D38T125NP-6R8NC
△T (℃)
L (
μH)
6. CDRH6D38T125NP-100PC
DC (A)
7. CDRH6D38T125NP-150PC
△T (℃)
L (
μH)
8. CDRH6D38T125NP-220PC
△T (℃)
L (
μH)
DC (A)
9. CDRH6D38T125NP-330PC
DC (A)
4. CDRH6D38T125NP-5R6NC
△T (℃)
DC (A)
DC (A)
10. CDRH6D38T125NP-470PC
△T (℃)
L (
μH)
DC (A)
11. CDRH6D38T125NP-680PC
△T (℃)
L (
μH)
DC (A)
12. CDRH6D38T125NP-101PC
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (125
℃)


Similar Part No. - CDRH6D38T125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D38T125NP-100PC SUMIDA-CDRH6D38T125NP-100PC Datasheet
202Kb / 4P
   SMD Power Inductor
CDRH6D38T125NP-101PC SUMIDA-CDRH6D38T125NP-101PC Datasheet
202Kb / 4P
   SMD Power Inductor
CDRH6D38T125NP-150PC SUMIDA-CDRH6D38T125NP-150PC Datasheet
202Kb / 4P
   SMD Power Inductor
CDRH6D38T125NP-220PC SUMIDA-CDRH6D38T125NP-220PC Datasheet
202Kb / 4P
   SMD Power Inductor
CDRH6D38T125NP-330PC SUMIDA-CDRH6D38T125NP-330PC Datasheet
202Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH6D38T125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com