Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWARD-C1-NW-SP Datasheet(PDF) 1 Page - Dialight Corporation

Part # PWARD-C1-NW-SP
Description  POWERWHITE CIRCULAR LED MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

PWARD-C1-NW-SP Datasheet(HTML) 1 Page - Dialight Corporation

  PWARD-C1-NW-SP Datasheet HTML 1Page - Dialight Corporation PWARD-C1-NW-SP Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
p Utilizes 9 premium flux LUXEON® Rebel™ LEDs,
100+ lumens for cool white, 100+ lumens for
neutral white and 50+ lumens for warm white
p Allows for custom heatsink or fixture design
p ETL recognized to UL standards (pending)
p Available in choice of colours & colour
temperatures
p Quick connect terminal blocks for easy installation
p >70% lumen maintenance @ 50,000 hours at
max operating temperature. Better at lower
operating temps!
POWERWHITE
CIRCULAR LED MODULES
PWAR/PWARD
MDEXLUMPWAR_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
APPLICATION
Dialight Europe Ltd
Exning Road • Newmarket • Suffolk, United Kingdom, CB8 0AX
Tel :+44 (0)1638 666541 • www.dialight.com
ORDERING INFORMATION
SP = 7 degree spot
WD = 13 degree wide
All angles are half divergence
Optic (BB)
p Spot lighting
p Accent lighting
p General illumination
p Interior use only
p Architectural lighting
p Machine vision
p Display cases
PWARD-C1-AA-BB
Options
MATERIALS / FINISH
p Casing - ADC10 Aluminium Alloy
p Finish - Anodised Satin Silver
p Connection - Cage Clamp Connectors
p Optics - Dialight-Lumidrives Optics
p Lens Cover - Polycarbonate 143R
p Rear Cover - Polycarbonate 143R
Diameter x H
61mm x 41.8mm (2.40” x 1.65”)
Maximum Cable Dia - 1.5mm2 / 16 AWG
MECHANICAL DIMENSIONS
All applications require additional heatsink. For factory
fitted heatsink see AR111 / AR111-LV datasheet.
Typical Colour
(AA) Temperature
CW = 5000K – 6350K
NW = 3800K – 4100K
WW = 2850K – 3250K
Blank = no onboard
driver
D = with onboard
driver


Similar Part No. - PWARD-C1-NW-SP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
PWA VISHAY-PWA Datasheet
80Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
logo
Vecow Co., Ltd.
PWA-120W VECOW-PWA-120W Datasheet
564Kb / 2P
   2 Independent Gigabit LAN, iAMT 9.5 supported
PWA-120W VECOW-PWA-120W Datasheet
388Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
PWA-120W VECOW-PWA-120W Datasheet
584Kb / 2P
   3 Mini PCIe Socket for 3G/ 4G/ LTE/ WiFi/ GPRS/ UMTS
More results

Similar Description - PWARD-C1-NW-SP

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
PWMRD-C1-CW-SP DIALIGHT-PWMRD-C1-CW-SP Datasheet
125Kb / 2P
   POWERWHITE CIRCULAR LED MODULES
AR111-LV-CW-SP DIALIGHT-AR111-LV-CW-SP Datasheet
176Kb / 2P
   CIRCULAR LED MODULES
MR16-LV-CW-SP DIALIGHT-MR16-LV-CW-SP Datasheet
97Kb / 2P
   CIRCULAR LED MODULES
PWD-60-1-35-P DIALIGHT-PWD-60-1-35-P Datasheet
151Kb / 2P
   POWERWHITE DRIVER
logo
Rohm
SLR-343X ROHM-SLR-343X Datasheet
905Kb / 12P
   Circular LED lamp
2021.12 - Rev.010
logo
Marktech Corporate
MT206-R MARKTECH-MT206-R Datasheet
28Kb / 1P
   2mm CIRCULAR LED LAMPS
logo
Rohm
SLA-560 ROHM-SLA-560 Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLI-560 ROHM-SLI-560 Datasheet
105Kb / 4P
   Ultra high bright circular LED lamps
logo
Marl International Limi...
795-107-00-51 MARL-795-107-00-51 Datasheet
379Kb / 3P
   LED MODULES
logo
LUMEX INC.
SSL-LX50FT9SISUGW LUMEX-SSL-LX50FT9SISUGW Datasheet
54Kb / 1P
   T-5 FLAT TOP CIRCULAR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com