Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1-7401-101 Datasheet(PDF) 1 Page - Dialight Corporation

Part # TB1-7401-101
Description  CONFIRMATION LIGHT FOR PRE-EMPTION / RED LIGHT RUNNING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

TB1-7401-101 Datasheet(HTML) 1 Page - Dialight Corporation

  TB1-7401-101 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
CONFIRMATION LIGHT FOR
PRE-EMPTION / RED LIGHT RUNNING
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778
www.dialight.com
SPECIFICATIONS
MDTSPRRLRX001_A
p Low power consumption
p High output
p Provides emergency vehicle with visual pre-emption
confirmation
p Replaces incandescent lamp typically used in red
light running applications
p Flat lens for directional viewing
p Domed lens for Omni-directional viewing
p White medium spot brighter on axis than 150 W
Flood Light
p Fits existing PAR 38 socket
p Compact size
p Long Life
p Operating Temperature : -40°C to +75°C
p Storage Temperature : -40°C to +100°C
p Lens material : Polycarbonate UL 94V-0
Dimensions in Inches [mm]
p Edison Based
p Operating Voltage : 120 VAC
p Options : Available in white and blue
EDISON BASED PRE-EMPTION STATUS INDICATOR
Part Number
Output Color
Lens Type
Voltage
Power (W)
Output
TB1-7401-101
White
Flat, Non-diffused
120 VAC
7
±15° Medium Spot
TB2-8111-001
Blue
Domed, Diffused
360°
Intensity (cd) vs. Viewing Angle
TB1-7401-101 (White)
Intensity (cd) vs. Viewing Angle
TB2-8111-001 (Blue)


Similar Part No. - TB1-7401-101

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
TB1-06A080H DIT-TB1-06A080H Datasheet
2Mb / 6P
   EMI/EMC FILTER
TB1-06A0D0H DIT-TB1-06A0D0H Datasheet
2Mb / 6P
   EMI/EMC FILTER
TB1-10A080H DIT-TB1-10A080H Datasheet
2Mb / 6P
   EMI/EMC FILTER
TB1-10A0D0H DIT-TB1-10A0D0H Datasheet
2Mb / 6P
   EMI/EMC FILTER
TB1-16A080H DIT-TB1-16A080H Datasheet
2Mb / 6P
   EMI/EMC FILTER
More results

Similar Description - TB1-7401-101

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
   LED daytime running light
LUWCN7N OSRAM-LUWCN7N Datasheet
746Kb / 23P
   Day time running light
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
   Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
   Day time running light
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
   Day time running light
LEDDRL401BK12 OSRAM-LEDDRL401BK12 Datasheet
118Kb / 3P
   LED daytime running light
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
   Day time running light
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
   LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
   LED fog light with daytime running light functionality
logo
Purdy Electronics Corpo...
AND130CR PURDY-AND130CR Datasheet
45Kb / 2P
   GaAlAs Red Light Light Emission
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com