Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9632 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9632
Description  36V, Precision, Low-Noise, Wide-Band Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9632 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9632 Datasheet HTML 1Page - Maxim Integrated Products MAX9632 Datasheet HTML 2Page - Maxim Integrated Products MAX9632 Datasheet HTML 3Page - Maxim Integrated Products MAX9632 Datasheet HTML 4Page - Maxim Integrated Products MAX9632 Datasheet HTML 5Page - Maxim Integrated Products MAX9632 Datasheet HTML 6Page - Maxim Integrated Products MAX9632 Datasheet HTML 7Page - Maxim Integrated Products MAX9632 Datasheet HTML 8Page - Maxim Integrated Products MAX9632 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
_______________________________________________________________________________________ 5
36V, Precision, Low-Noise,
Wide-Band Amplifier
Typical Operating Characteristics (continued)
(VCC = 15V, VEE = -15V, RL = 10kI to VGND, VIN+ = VIN- = VGND = 0V, VSHDN = VGND, TA = -40NC to +125NC. Typical values are at
TA = +25NC, unless otherwise noted.)
OUTPUT VOLTAGE LOW
vs. OUTPUT CURRENT (SINK)
-14.95
-14.90
-14.85
-14.80
-14.75
-14.70
-14.65
-14.60
-14.55
-15.00
OUTPUT SINK CURRENT (mA)
50
40
30
20
10
0
60
TA = +85°C
TA = 0°C
TA = -40°C
TA = +25°C
TA = +125°C
OPEN-LOOP GAIN vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
10k 100k
100
1k
10
0
20
40
60
80
100
120
140
160
-20
1
100M
FREQUENCY (Hz)
10k
1k
100
10
100k
INPUT-VOLTAGE NOISE DENSITY
vs. FREQUENCY
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.1Hz TO 10Hz NOISE vs. TIME
MAX9632 toc13
20nV/div
10s/div
5
10
15
20
25
0
INPUT-CURRENT NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
100k
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
20
30
40
50
60
70
0
10
100M
INPUT SMALL-SIGNAL STEP RESPONSE
MAX9632 toc16
INPUT
100mV/div
OUTPUT
50mV/div
200ns/div
INPUT LARGE-SIGNAL STEP RESPONSE
MAX9632 toc17
INPUT
2V/div
OUTPUT
500mV/div
1
µs/div
STABILITY vs. CAPACITIVE AND
RESISTIVE LOAD PARALLEL
CAPACITIVE LOAD (pF)
1000
800
600
400
200
100
200
300
400
500
600
700
800
900
1000
0
0
1200
STABLE
UNSTABLE


Similar Part No. - MAX9632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632 Datasheet
202Kb / 6P
   Fully Assembled and Tested
Rev 1; 2/14
MAX9632ASA MAXIM-MAX9632ASA Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
MAX9632ASA MAXIM-MAX9632ASA Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
More results

Similar Description - MAX9632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
New Japan Radio
NJG1140KA1 NJRC-NJG1140KA1 Datasheet
318Kb / 9P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com