Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9632ATA+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9632ATA+
Description  36V, Precision, Low-Noise, Wide-Band Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9632ATA+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9632ATA+ Datasheet HTML 2Page - Maxim Integrated Products MAX9632ATA+ Datasheet HTML 3Page - Maxim Integrated Products MAX9632ATA+ Datasheet HTML 4Page - Maxim Integrated Products MAX9632ATA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9632ATA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9632ATA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9632ATA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9632ATA+ Datasheet HTML 9Page - Maxim Integrated Products MAX9632ATA+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 ______________________________________________________________________________________
36V, Precision, Low-Noise,
Wide-Band Amplifier
Typical Operating Characteristics (continued)
(VCC = 15V, VEE = -15V, RL = 10kI to VGND, VIN+ = VIN- = VGND = 0V, VSHDN = VGND, TA = -40NC to +125NC. Typical values are at
TA = +25NC, unless otherwise noted.)
ISOLATION RESISTANCE
vs. CAPACITIVE STABILITY
CAPACITIVE LOAD (pF)
900
800
600 700
200 300 400 500
100
1
2
3
4
5
6
7
8
9
10
0
0
1000
STABLE
UNSTABLE
POWER-UP TIME
VCC = 5V, VEE = -5V
MAX9632 toc20
VCC
10V/div
GND
GND
OUTPUT
500mV/div
1
µs/div
RECOVERY FROM SHUTDOWN
VCC = 5V, VEE = -5V
MAX9632 toc21
SHDN
5V/div
GND
GND
OUTPUT
500mV/div
1
µs/div
FREQUENCY (Hz)
1k
100k
10k
100
10
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
-150
-140
-130
-120
-110
-100
-160
TOTAL HARMONIC DISTORTION
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
1
-150
-140
-130
-120
-110
-100
-90
-80
-160
0.1
10
f = 10kHz
f = 1kHz


Similar Part No. - MAX9632ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632ATA++ MAXIM-MAX9632ATA+ Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
More results

Similar Description - MAX9632ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
New Japan Radio
NJG1140KA1 NJRC-NJG1140KA1 Datasheet
318Kb / 9P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com