Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17043 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17043
Description  Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17043 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17043_11 Datasheet HTML 1Page - Maxim Integrated Products MAX17043_11 Datasheet HTML 2Page - Maxim Integrated Products MAX17043_11 Datasheet HTML 3Page - Maxim Integrated Products MAX17043_11 Datasheet HTML 4Page - Maxim Integrated Products MAX17043_11 Datasheet HTML 5Page - Maxim Integrated Products MAX17043_11 Datasheet HTML 6Page - Maxim Integrated Products MAX17043_11 Datasheet HTML 7Page - Maxim Integrated Products MAX17043_11 Datasheet HTML 8Page - Maxim Integrated Products MAX17043_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Compact, Low-Cost 1S/2S Fuel Gauges
with Low-Battery Alert
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
QUIESCENT CURRENT vs. SUPPLY VOLTAGE
VDD (V)
3
24
5
1
20
40
60
80
100
0
0
TA = +70
°C
TA = +25
°C
TA = -20
°C
SIMPLE C/2 RATE CYCLES*
SOC ACCURACY
MAX17043/4 toc02
TIME (h)
12
10
68
4
2
10
20
30
40
50
60
70
80
90
100
0
-8
-6
-4
-2
0
2
4
6
8
10
-10
0
ERROR (%)
MAX17043/
MAX17044 SOC:
DASHED LINE
REFERENCE SOC:
SOLID LINE
C/2 RATE ZIGZAG PATTERN*
SOC ACCURACY
MAX17043/4 toc05
TIME (hr)
12
816
22
20
4
10
20
30
40
50
60
70
80
90
100
0
-8
-6
-4
-2
0
2
4
6
8
10
-10
0
ERROR (%)
MAX17043/MAX17044 SOC:
DASHED LINE
REFERENCE SOC:
SOLID LINE
SIMPLE C/4 RATE CYCLES*
SOC ACCURACY
MAX17043/4 toc03
TIME (hr)
12
10
68
18
16
22
20
14
4
2
10
20
30
40
50
60
70
80
90
100
0
-8
-6
-4
-2
0
2
4
6
8
10
-10
0
ERROR (%)
MAX17043/
MAX17044 SOC:
DASHED LINE
REFERENCE SOC:
SOLID LINE
MAX17043 VOLTAGE ADC ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
35
10
60
85
-15
-15
-10
-5
0
5
10
15
20
-20
-40
VCELL = 3.0V
VCELL = 4.2V
VCELL = 3.6V
*
Sample accuracy with custom configuration data programmed into the IC.


Similar Part No. - MAX17043_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_12 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
More results

Similar Description - MAX17043_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_12 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
STI Vibration Monitorin...
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
   Low-Cost Compact Accelerometer with M8 Connector
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com