Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98306_1108 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX98306_1108
Description  Stereo 3.7W Class D Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98306_1108 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX98306_1108 Datasheet HTML 2Page - Maxim Integrated Products MAX98306_1108 Datasheet HTML 3Page - Maxim Integrated Products MAX98306_1108 Datasheet HTML 4Page - Maxim Integrated Products MAX98306_1108 Datasheet HTML 5Page - Maxim Integrated Products MAX98306_1108 Datasheet HTML 6Page - Maxim Integrated Products MAX98306_1108 Datasheet HTML 7Page - Maxim Integrated Products MAX98306_1108 Datasheet HTML 8Page - Maxim Integrated Products MAX98306_1108 Datasheet HTML 9Page - Maxim Integrated Products MAX98306_1108 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 ______________________________________________________________________________________
Stereo 3.7W Class D Amplifier
Typical Operating Characteristics (continued)
(VPVDD = VSHDN = 5.0V, VPGND = 0V, AV = 12dB, RL = J, RL connected between OUT_+ to OUT_-, 20Hz to 22kHz AC measurement
bandwidth, TA = +25NC, unless otherwise noted.)
OUTPUT POWER vs. SUPPLY VOLTAGE
4.5
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
THD+N = 1%
THD+N = 10%
f = 1kHz
ZLOAD = 3I + 22µH
GAIN vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-30
-20
-10
0
10
20
30
-40
10
100k
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
1.5
1.0
0.5
10
20
30
40
50
60
70
80
90
100
0
0
2.0
ZLOAD = 8I + 68µH
ZLOAD = 4I + 33µH
ZLOAD = 3I + 22µH
VPVDD = 3.7V
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
3.5
3.0
2.0 2.5
1.0 1.5
0.5
0
4.0
10
20
30
40
50
60
70
80
90
100
0
ZLOAD = 8I + 68µH
ZLOAD = 4I + 33µH
ZLOAD = 3I + 22µH
VPVDD = 5.0V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-120
-100
-80
-60
-40
-20
0
-140
10
100k
RIGHT TO LEFT
LEFT TO RIGHT
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
10
20
30
40
50
60
70
80
90
100
0
FREQUENCY (Hz)
10k
1k
100
10
100k
VPVDD = 3.7V
POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
10
20
30
40
50
60
70
80
90
100
0
FREQUENCY (Hz)
10k
1k
100
10
100k
VRIPPLE = 200mVP-P
VPVDD = 3.7V
ZLOAD = 8I + 68µH
WIDEBAND vs. FREQUENCY
FREQUENCY (MHz)
10
1
-80
-60
-40
-20
0
20
-100
0.1
100


Similar Part No. - MAX98306_1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306ETD MAXIM-MAX98306ETD Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
MAX98306EVKIT MAXIM-MAX98306EVKIT Datasheet
1Mb / 7P
   2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
MAX98306EVKIT# MAXIM-MAX98306EVKIT# Datasheet
1Mb / 7P
   2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
More results

Similar Description - MAX98306_1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Infineon Technologies A...
MA5332MS INFINEON-MA5332MS Datasheet
3Mb / 60P
   200W Stereo, Integrated Class D Amplifier
V 2.0 9/24/2021
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
   20W Stereo Digital Class-D Amplifier
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com