Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17040X+U Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17040X+U
Description  Compact, Low-Cost 1S/2S Fuel Gauges
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17040X+U Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17040X+U Datasheet HTML 1Page - Maxim Integrated Products MAX17040X+U Datasheet HTML 2Page - Maxim Integrated Products MAX17040X+U Datasheet HTML 3Page - Maxim Integrated Products MAX17040X+U Datasheet HTML 4Page - Maxim Integrated Products MAX17040X+U Datasheet HTML 5Page - Maxim Integrated Products MAX17040X+U Datasheet HTML 6Page - Maxim Integrated Products MAX17040X+U Datasheet HTML 7Page - Maxim Integrated Products MAX17040X+U Datasheet HTML 8Page - Maxim Integrated Products MAX17040X+U Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Compact, Low-Cost 1S/2S Fuel Gauges
_______________________________________________________________________________________
5
SDA
SCL
tF
tLOW
tHD:STA
tHD:DAT
tSU:STA
tSU:STO
tSU:DAT
tHD:STA
tSP
tR
tBUF
tR
tF
SSr
P
S
Figure 1. 2-Wire Bus Timing Diagram
Pin Description
PIN
UCSP
TDFN
NAME
FUNCTION
A1
8
SDA
Serial Data Input/Output. Open-drain 2-wire data line. Connect this pin to the DATA signal of the
2-wire interface. This pin has a 0.2μA typical pulldown to sense disconnection.
A2
7
SCL
Serial Clock Input. Input only 2-wire clock line. Connect this pin to the CLOCK signal of the
2-wire interface. This pin has a 0.2μA typical pulldown to sense disconnection.
A3
1
CTG
Connect to Ground. Connect to VSS during normal operation.
B1
6
EO
External 32kHz Clocking Signal. Input for external clocking signal to be the primary system
clock. Configured to implement interrupt feature with a pulldown set on SEO pin.
B2
N.C.
No Connect. Do not connect.
B3
2
CELL
Battery-Voltage Input. The voltage of the cell pack is measured through this pin.
C1
5
SEO
External 32kHz Clocking Signal Enable Input. Input to enable external clocking signal on EO pin
with a pullup state; a pulldown state to configure the interrupt feature. External 32kHz clock
enable. Connects logic-low to enable external interrupt.
C2
3
VDD
Power-Supply Input. 2.5V to 4.5V input range. Connect to system power through a decoupling
network. Connect a 10nF typical decoupling capacitor close to pin.
C3
4
GND
Ground. Connect to the negative power rail of the system.
EP
Exposed Pad (TDFN Only). Connect to ground.
STATE
MACHINE
(SOC, RATE)
2-WIRE
INTERFACE
IC
GROUND
TIME BASE
(32kHz)
ADC (VCELL)
VOLTAGE
REFERENCE
BIAS
GND
CELL
VDD
SCL
SDA
CTG
SEO
EO
MAX17040
MAX17041
Figure 2. Block Diagram
Detailed Description
Figure 1 shows the 2-wire bus timing diagram, and
Figure 2 is the MAX17040/MAX17041 block diagram.
ModelGauge Theory of Operation
The MAX17040/MAX17041 use a sophisticated battery
model, which determines the SOC of a nonlinear Li+
battery. The model effectively simulates the internal
dynamics of a Li+ battery and determines the SOC. The
model considers the time effects of a battery caused by
the chemical reactions and impedance in the battery.
The MAX17040/MAX17041 SOC calculation does not
accumulate error with time. This is advantageous


Similar Part No. - MAX17040X+U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17040X+U MAXIM-MAX17040X+U Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
More results

Similar Description - MAX17040X+U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17043 MAXIM-MAX17043_11 Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17043 MAXIM-MAX17043_12 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
STI Vibration Monitorin...
CMCP1300T STI-CMCP1300T Datasheet
613Kb / 2P
   Low-Cost Compact Triaxial Accelerometer
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
logo
Abracon Corporation
ASVM ABRACON-ASVM Datasheet
3Mb / 3P
   Low Cost-Compact QFN Plastic Packaging
04.30.15
logo
Delta Electronics, Inc.
CMK04B06TH DELTA-CMK04B06TH Datasheet
76Kb / 1P
   High performance, Low cost, Compact size
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com