Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98306ETD+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX98306ETD+
Description  Stereo 3.7W Class D Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98306ETD+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX98306ETD+ Datasheet HTML 6Page - Maxim Integrated Products MAX98306ETD+ Datasheet HTML 7Page - Maxim Integrated Products MAX98306ETD+ Datasheet HTML 8Page - Maxim Integrated Products MAX98306ETD+ Datasheet HTML 9Page - Maxim Integrated Products MAX98306ETD+ Datasheet HTML 10Page - Maxim Integrated Products MAX98306ETD+ Datasheet HTML 11Page - Maxim Integrated Products MAX98306ETD+ Datasheet HTML 12Page - Maxim Integrated Products MAX98306ETD+ Datasheet HTML 13Page - Maxim Integrated Products MAX98306ETD+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
______________________________________________________________________________________ 11
Stereo 3.7W Class D Amplifier
Block Diagram
GAIN
INR+ 7
INR-
PGND
1, 8
6
5
MAX98306
1ST INTEGRATOR
2ND INTEGRATOR
1ST INTEGRATOR
2ND INTEGRATOR
GAIN
CONTROL
SHDN 2
CLICK-AND-POP
SUPPRESSION
MODULATOR
(FIXED GAIN 2x)
GAIN SELECTION
GAIN SELECTION
INL+ 3
INL- 4
14
13
MODULATOR
(FIXED GAIN 2x)
UVLO/POWER
MANAGEMENT
PVDD
2.6V TO 5.5V
0.1µF
10µF
11, 12
OUTL+
OUTL-
PVDD
LOW-EMI
DRIVER
PVDD
PGND
LOW-EMI
DRIVER
PVDD
PGND
9
10
OUTR+
OUTR-
LOW-EMI
DRIVER
PVDD
PGND
LOW-EMI
DRIVER
PVDD
PGND
PVDD


Similar Part No. - MAX98306ETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306ETD MAXIM-MAX98306ETD Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
More results

Similar Description - MAX98306ETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Infineon Technologies A...
MA5332MS INFINEON-MA5332MS Datasheet
3Mb / 60P
   200W Stereo, Integrated Class D Amplifier
V 2.0 9/24/2021
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
   20W Stereo Digital Class-D Amplifier
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com