Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98306 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX98306
Description  Stereo 3.7W Class D Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98306 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX98306 Datasheet HTML 5Page - Maxim Integrated Products MAX98306 Datasheet HTML 6Page - Maxim Integrated Products MAX98306 Datasheet HTML 7Page - Maxim Integrated Products MAX98306 Datasheet HTML 8Page - Maxim Integrated Products MAX98306 Datasheet HTML 9Page - Maxim Integrated Products MAX98306 Datasheet HTML 10Page - Maxim Integrated Products MAX98306 Datasheet HTML 11Page - Maxim Integrated Products MAX98306 Datasheet HTML 12Page - Maxim Integrated Products MAX98306 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
_______________________________________________________________________________________ 9
Stereo 3.7W Class D Amplifier
Detailed Description
The MAX98306 features low quiescent current, a low-
power shutdown mode, comprehensive click-and-pop
suppression, and excellent RF immunity.
The IC offers Class AB audio performance with Class D
efficiency in a minimal board-space solution.
The Class D amplifier features spread-spectrum modula-
tion, active emissions limiting, edge-rate, and overshoot
control circuitry that offers significant improvements to
switch-mode amplifier radiated emissions.
The amplifier also features click-and-pop suppression
that reduces audible transients on startup and shut-
down, as well as thermal-overload and short-circuit
protection.
Class D Speaker Amplifier
The filterless Class D amplifier output stage offers much
higher efficiency than Class AB amplifiers. The high effi-
ciency of a Class D amplifier is due to the pulse-width
modulated (PWM) rail-to-rail switching operation of the
output stage transistors. This ensures that any power
loss associated with the Class D output stage is mostly
due to the I2R loss of the MOSFET on-resistance and
quiescent current overhead.
EMI Filterless Output Stage
Traditional Class D amplifiers require the use of external
LC filters, or shielding, to meet EN55022B electromag-
netic-interference (EMI) regulation standards. Maxim’s
active-emissions-limiting edge-rate control circuitry and
spread-spectrum modulation reduce EMI emissions,
while maintaining up to 92% efficiency.
Spread-spectrum modulation and active emissions limit-
ing limit wideband spectral components, while propri-
etary techniques ensure that the cycle-to-cycle varia-
tion of the switching period does not degrade audio
reproduction or efficiency. The IC’s spread-spectrum
modulator randomly varies the switching frequency by
Q
20kHz around the center frequency (320kHz). Above
10MHz, the wideband spectrum looks like noise for EMI
purposes (Figure 1).
Speaker Current Limit
If the output current of the speaker amplifier exceeds
the current limit (3A typ), the IC disables the outputs for
approximately 100Fs. At the end of 100Fs, the outputs
are reenabled. If the fault condition still exists, the IC
continues to disable and reenable the outputs until the
fault condition is removed.
Selectable Gain
The IC offers five programmable gains selected using
the GAIN input.
Shutdown
The IC features a low-power shutdown mode, drawing
P
1FA (typ) of supply current. Drive SHDN low to place
the MAX98306 into shutdown. Drive SHDN above 1.4V
for normal operation.
Click-and-Pop Suppression
The IC speaker amplifier features Maxim’s comprehen-
sive click-and-pop suppression. During startup, the
click-and-pop suppression circuitry reduces any audible
transient sources internal to the device. When entering
shutdown, the differential speaker outputs ramp down to
PGND quickly and simultaneously.
Table 1. Gain Control Configuration
Figure 1. EMI with 12in of Speaker Cable and No Output Filter
GAIN PIN
MAXIMUM GAIN (dB)
Connect to PGND
18
Connect to PGND through
100kI
±5% resistor
15
Connect to PVDD
12
Connect to PVDD through
100kI
±5% resistor
9
Unconnected
6
FREQUENCY (MHz)
900
800
600 700
200 300 400 500
100
0
10
20
30
40
50
60
70
80
90
-10
0
1000


Similar Part No. - MAX98306

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
MAX98306 MAXIM-MAX98306 Datasheet
1Mb / 7P
   2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
MAX98306ETD MAXIM-MAX98306ETD Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
MAX98306EVKIT MAXIM-MAX98306EVKIT Datasheet
1Mb / 7P
   2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
MAX98306EVKIT# MAXIM-MAX98306EVKIT# Datasheet
1Mb / 7P
   2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
More results

Similar Description - MAX98306

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Infineon Technologies A...
MA5332MS INFINEON-MA5332MS Datasheet
3Mb / 60P
   200W Stereo, Integrated Class D Amplifier
V 2.0 9/24/2021
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
   20W Stereo Digital Class-D Amplifier
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com