Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC939LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC939LP4E
Description  1.0 dB LSB GaAs MMIC 5-BIT DIGITAL 1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC939LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC939LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC939LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC939LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC939LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC939LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC939LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC939LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC939LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1
1 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
20
30
40
50
60
0.01
0.1
1
10
100
FREQUENCY (GHz)
HMC939LP4 / HMC939LP4E
v00.0910
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 33 GHz
Relative Phase vs. Frequency
(Only Major States are Shown)
Step Attenuation vs. Attenuation State
0.1 - 18 GHz
Input IP3 vs. Temperature
(Minimum Attenuation State)
Input IP3 Over Major Attenuation States
Input Power for 0.1 dB Compression
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
31 dB
0
0.4
0.8
1.2
1.6
0
4
8
12
16
20
24
28
32
5 GHz
10 GHz
18 GHz
ATTENUATION STATE (dB)
20
30
40
50
60
0.01
0.1
1
10
100
+25 C
+85 C
-40 C
FREQUENCY (GHz)
6
10
14
18
22
26
30
0.01
0.1
1
10
100
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Step Attenuation vs. Attenuation State
18 - 33 GHz
-0.4
0
0.4
0.8
1.2
1.6
0
4
8
12
16
20
24
28
32
26.5 GHz
33 GHz
ATTENUATION STATE (dB)


Similar Part No. - HMC939LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC939LP4E HITTITE-HMC939LP4E Datasheet
922Kb / 8P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
More results

Similar Description - HMC939LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC939LP4 HITTITE-HMC939LP4_12 Datasheet
922Kb / 8P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC1018LP4E HITTITE-HMC1018LP4E Datasheet
856Kb / 10P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC941LP4 HITTITE-HMC941LP4_12 Datasheet
904Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC1019LP4E HITTITE-HMC1019LP4E Datasheet
846Kb / 10P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
logo
Analog Devices
HMC939ALP4 AD-HMC939ALP4 Datasheet
2Mb / 4P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
HMC1018ALP4E AD-HMC1018ALP4E Datasheet
2Mb / 5P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
logo
Hittite Microwave Corpo...
HMC939 HITTITE-HMC939 Datasheet
699Kb / 6P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 40 GHz
HMC290 HITTITE-HMC290_09 Datasheet
158Kb / 4P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com