Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65642 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C65642
Description  HX2VL ??Very Low Power USB 2.0 TetraHub Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65642 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C65642 Datasheet HTML 1Page - Cypress Semiconductor CY7C65642 Datasheet HTML 2Page - Cypress Semiconductor CY7C65642 Datasheet HTML 3Page - Cypress Semiconductor CY7C65642 Datasheet HTML 4Page - Cypress Semiconductor CY7C65642 Datasheet HTML 5Page - Cypress Semiconductor CY7C65642 Datasheet HTML 6Page - Cypress Semiconductor CY7C65642 Datasheet HTML 7Page - Cypress Semiconductor CY7C65642 Datasheet HTML 8Page - Cypress Semiconductor CY7C65642 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY7C65642
Document Number: 001-65659 Rev. *B
Page 3 of 21
Introduction
HX2VL is Cypress’s next generation family of high- performance,
very low-power USB 2.0 hub controllers. HX2VL has integrated
upstream and downstream transceivers; a USB serial interface
engine (SIE); USB hub control and repeater logic; and
transaction translator (TT) logic. Cypress has also integrated
external components such as voltage regulator and
pull-up/pull-down resistors, reducing the overall BOM required to
implement a USB hub system.
The CY7C65642 is a part of the HX2VL portfolio with four
downstream ports and an independent TT dedicated for each
downstream port. This device option is for low-power but
high- performance applications that require up to four
downstream ports. The CY7C65642 is available in 48-pin TQFP
and 28-pin QFN package options.
All device options are supported by Cypress’s world class
reference design kits, which include board schematics, BOM,
Gerber files, Orcad files, and thorough design documentation.
HX2VL Architecture
The “Block Diagram” on page 1 shows the HX2VL TetraHub™
architecture.
USB Serial Interface Engine
The SIE allows HX2VL to communicate with the USB host. The
SIE handles the following USB activities independently of the
Hub Control Block.
Bit stuffing and unstuffing
Checksum generation and checking
TOKEN type identification
Address checking.
HS USB Control Logic
‘Hub Control’ block co-ordinates enumeration, suspend and
resume. It generates status and control signals for host access
to the hub. It also includes the frame timer that synchronizes the
hub to the host. It has status/control registers which function as
the interface to the firmware in the MCU.
Hub Repeater
The hub repeater manages the connectivity between upstream
and downstream facing ports that are operating at the same
speed. It supports full or low-speed connectivity and high-speed
connectivity. According to the USB 2.0 specification, the hub
repeater provides the following functions:
Sets up and tears down connectivity on packet boundaries
Ensures orderly entry into and out of ‘Suspend’ state, including
proper handling of remote wakeups.
MCU
The HX2VL has MCU with 2 K ROM and 64 byte RAM. The MCU
operates with a 12 MHz clock to decode USB commands from
host and respond to the host. It can also handle GPIO settings
to provide higher flexibility to the customers and control the read
interface to the EEPROM which has extended configuration
options.
Transaction Translator
The TT translates data from one speed to another. A TT takes
high-speed split transactions and translates them to full or
low-speed transactions when the hub is operating at high-speed
(the upstream port is connected to a high speed host controller)
and has full or low- speed devices attached. The operating speed
of a device attached on a downstream port determines whether
the routing logic connects a port to the TT or to hub repeater.
When the upstream host and downstream device are functioning
at different speeds, the data is routed through the TT. In all other
cases, the data is routed through the repeater. For example, If a
full or low-speed device is connected to the high-speed host
upstream through the hub, then the data transfer route includes
TT. If a high-speed device is connected to the high-speed host
upstream through the hub, the transfer route includes the
repeater. When the hub is connected to a full-speed host
controller upstream, then high-speed peripheral does not
operate at its full capability. These devices only work at full
speed. Full and low-speed devices connected to this hub operate
at their normal speed.
Port Control
The downstream ‘Port Control’ block handles the
connect/disconnect and over current detection as well as the
power enable and LED control. It also generates the control
signals for the downstream transceivers.
Applications
Typical applications for the HX2VL device family are:
Docking stations
Standalone hubs
Monitor hubs
Multi-function printers
Digital televisions
Advanced port replicators
Keyboard hubs


Similar Part No. - CY7C65642

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65642 CYPRESS-CY7C65642 Datasheet
556Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642-28LTXC CYPRESS-CY7C65642-28LTXC Datasheet
556Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642-48AXC CYPRESS-CY7C65642-48AXC Datasheet
556Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642-48AXC CYPRESS-CY7C65642-48AXC Datasheet
451Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub??Controller
CY7C65642-48AXCT CYPRESS-CY7C65642-48AXCT Datasheet
451Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub??Controller
More results

Similar Description - CY7C65642

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65642 CYPRESS-CY7C65642 Datasheet
556Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642 CYPRESS-CY7C65642_12 Datasheet
451Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub??Controller
CY7C65632 CYPRESS-CY7C65632_12 Datasheet
662Kb / 25P
   HX2VL??Very Low Power USB 2.0 Hub Controller
CY7C65632 CYPRESS-CY7C65632 Datasheet
520Kb / 20P
   HX2VL Very Low Power USB 2.0 Hub Controller Up to four downstream ports support
CY7C65640 CYPRESS-CY7C65640 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_11 Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
logo
Cypress Semiconductor
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com