Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20234 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C20234
Description  Automotive PSoC Programmable System-on-Chip
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20234 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C20234 Datasheet HTML 6Page - Cypress Semiconductor CY8C20234 Datasheet HTML 7Page - Cypress Semiconductor CY8C20234 Datasheet HTML 8Page - Cypress Semiconductor CY8C20234 Datasheet HTML 9Page - Cypress Semiconductor CY8C20234 Datasheet HTML 10Page - Cypress Semiconductor CY8C20234 Datasheet HTML 11Page - Cypress Semiconductor CY8C20234 Datasheet HTML 12Page - Cypress Semiconductor CY8C20234 Datasheet HTML 13Page - Cypress Semiconductor CY8C20234 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CY8C20234
Document Number: 001-54650 Rev. *E
Page 10 of 30
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the device. User guidelines are not tested.
Operating Temperature
Table 3. Absolute Maximum Ratings
Symbol
Description
Min
Typ
Max
Units
Notes
TSTG
Storage temperature
-55
25
+100
°C
Higher storage temperatures
reduce data retention time.
Recommended storage
temperature is +25
°C ± 25 °C.
Time spent in storage at a
temperature greater than 65 °C
counts toward the FlashDR
electrical specification in Table 10
on page 13.
TBAKETEMP Bake temperature
125
See
package
label
°C
tBAKETIME
Bake time
See
package
label
72
Hours
TA
Ambient temperature with power applied
–40
+85
°C
VDD
Supply voltage on VDD relative to VSS
–0.5
+6.0
V
VIO
DC input voltage
VSS – 0.5
VDD + 0.5
V
VIOZ
DC voltage applied to tri-state
VSS – 0.5
VDD + 0.5
V
IMIO
Maximum current into any port pin
–25
+50
mA
ESD
Electrostatic discharge voltage
2000
V
Human Body Model ESD.
LU
Latch-up current
200
mA
Table 4. Operating Temperature
Symbol
Description
Min
Typ
Max
Units
Notes
TA
Ambient temperature
–40
+85
°C
TJ
Junction temperature
–40
+100
°C
The temperature rise from
ambient to junction is package
specific. See Table 19 on page 18.
The user must limit the power
consumption to comply with this
requirement.
[+] Feedback


Similar Part No. - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
More results

Similar Description - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24423A CYPRESS-CY8C24423A_09 Datasheet
944Kb / 36P
   Automotive PSoC Programmable System-on-Chip
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com