Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20234-12LKXA Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C20234-12LKXA
Description  Automotive PSoC Programmable System-on-Chip
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20234-12LKXA Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C20234-12LKXA Datasheet HTML 4Page - Cypress Semiconductor CY8C20234-12LKXA Datasheet HTML 5Page - Cypress Semiconductor CY8C20234-12LKXA Datasheet HTML 6Page - Cypress Semiconductor CY8C20234-12LKXA Datasheet HTML 7Page - Cypress Semiconductor CY8C20234-12LKXA Datasheet HTML 8Page - Cypress Semiconductor CY8C20234-12LKXA Datasheet HTML 9Page - Cypress Semiconductor CY8C20234-12LKXA Datasheet HTML 10Page - Cypress Semiconductor CY8C20234-12LKXA Datasheet HTML 11Page - Cypress Semiconductor CY8C20234-12LKXA Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
CY8C20234
Document Number: 001-54650 Rev. *E
Page 8 of 30
Pinouts
This section describes, lists, and illustrates the automotive CY8C20x34 PSoC device pins and pinout configurations.
The automotive CY8C20x34 PSoC device is available in the packages listed and shown in the following tables. Every port pin (labeled
with a “P”) is capable of digital I/O and can connect to the common analog bus. However, VSS, VDD, and XRES are not capable of
digital I/O.
16-Pin Part Pinout
Figure 2. CY8C20234 16-Pin PSoC Device
Table 2. Pin Definitions – CY8C20234 16-Pin (QFN)
Pin No.
Type
Name
Description
Digital
Analog
1
I/O
I
P2[5]
2
I/O
I
P2[1]
3
I/OH
I
P1[7]
I2C serial clock (SCL), SPI slave select (SS)
4
I/OH
I
P1[5]
I2C serial data (SDA), SPI master-in-slave-out (MISO)
5
I/OH
I
P1[3]
SPI serial clock (SCLK)
6
I/OH
I
P1[1]
ISSP-SCLK[4], I2C serial clock (SCL), SPI master-out-slave-in (MOSI)
7
Power
VSS
Ground connection
8
I/OH
I
P1[0]
ISSP-SDATA[4], I2C serial data (SDA)
9
I/OH
I
P1[2]
10
I/OH
I
P1[4]
Optional external clock (EXTCLK) input
11
Input
XRES
Active high external reset with internal pull-down
12
I/O
I
P0[4]
13
Power
VDD
Supply voltage
14
I/O
I
P0[7]
15
I/O
I
P0[3]
Integrating input
16
I/O
I
P0[1]
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive
12
11
10
9
1
2
3
4
QFN
P0[4], AI
P1[2], AI
P1[4], AI, EXTCLK
XRES
AI, P2[5]
I2C SDA, SPI MISO, AI, P1[5]
I2C SCL, SPI SS, AI, P1[7]
AI, P2[1]
Note
4. These are the ISSP pins, that are not High Z after exiting a reset state. See the PSoC Technical Reference Manual for CY8C20x34 devices for details.
[+] Feedback


Similar Part No. - CY8C20234-12LKXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXIT CYPRESS-CY8C20234-12LKXIT Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
More results

Similar Description - CY8C20234-12LKXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24423A CYPRESS-CY8C24423A_09 Datasheet
944Kb / 36P
   Automotive PSoC Programmable System-on-Chip
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com