Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101KA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14B101KA
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101KA Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14B101KA Datasheet HTML 1Page - Cypress Semiconductor CY14B101KA Datasheet HTML 2Page - Cypress Semiconductor CY14B101KA Datasheet HTML 3Page - Cypress Semiconductor CY14B101KA Datasheet HTML 4Page - Cypress Semiconductor CY14B101KA Datasheet HTML 5Page - Cypress Semiconductor CY14B101KA Datasheet HTML 6Page - Cypress Semiconductor CY14B101KA Datasheet HTML 7Page - Cypress Semiconductor CY14B101KA Datasheet HTML 8Page - Cypress Semiconductor CY14B101KA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CY14B101KA
CY14B101MA
Document #: 001-42880 Rev. *I
Page 5 of 34
Device Operation
The CY14B101KA/CY14B101MA nvSRAM is made up of two
functional components paired in the same physical cell. These
are a SRAM memory cell and a nonvolatile QuantumTrap cell.
The SRAM memory cell operates as a standard fast static RAM.
Data in the SRAM is transferred to the nonvolatile cell (the
STORE operation), or from the nonvolatile cell to the SRAM (the
RECALL operation). Using this unique architecture, all cells are
stored and recalled in parallel. During the STORE and RECALL
operations SRAM read and write operations are inhibited. The
CY14B101KA/CY14B101MA supports infinite reads and writes
similar to a typical SRAM. In addition, it provides infinite RECALL
operations from the nonvolatile cells and up to 1 million STORE
operations. Refer Truth Table For SRAM Operations on page 26
for a complete description of read and write modes.
SRAM Read
The CY14B101KA/CY14B101MA performs a read cycle
whenever CE and OE are LOW, and WE and HSB are HIGH.
The address specified on pins A0–16 or A0–15 determines which
of the 131,072 data bytes or 65,536 words of 16 bits each are
accessed. Byte enables (BHE, BLE) determine which bytes are
enabled to the output, in the case of 16-bit words. When the read
is initiated by an address transition, the outputs are valid after a
delay of tAA (read cycle #1). If the read is initiated by CE or OE,
the outputs are valid at tACE or at tDOE, whichever is later (read
cycle #2). The data output repeatedly responds to address
changes within the tAA access time without the need for
transitions on any control input pins. This remains valid until
another address change or until CE or OE is brought HIGH, or
WE or HSB is brought LOW.
SRAM Write
A write cycle is performed when CE and WE are LOW and HSB
is HIGH. The address inputs must be stable before entering the
write cycle and must remain stable until CE or WE goes HIGH at
the end of the cycle. The data on the common I/O pins IO0–7 are
written into the memory if it is valid tSD before the end of a
WE-controlled write, or before the end of an CE-controlled write.
The Byte Enable inputs (BHE, BLE) determine which bytes are
written, in the case of 16-bit words. It is recommended that OE
be kept HIGH during the entire write cycle to avoid data bus
contention on common I/O lines. If OE is left LOW, internal
circuitry turns off the output buffers tHZWE after WE goes LOW.
AutoStore Operation
The CY14B101KA/CY14B101MA stores data to the nvSRAM
using one of three storage operations. These three operations
are: Hardware STORE, activated by the HSB; Software STORE,
activated by an address sequence; AutoStore, on device
power-down. The AutoStore operation is a unique feature of
QuantumTrap technology and is enabled by default on the
CY14B101KA/CY14B101MA.
During a normal operation, the device draws current from VCC to
charge a capacitor connected to the VCAP pin. This stored
charge is used by the chip to perform a single STORE operation.
If the voltage on the VCC pin drops below VSWITCH, the part
automatically disconnects the VCAP pin from VCC. A STORE
operation is initiated with power provided by the VCAP capacitor.
Note If the capacitor is not connected to VCAP pin, AutoStore
must be disabled using the soft sequence specified in Preventing
AutoStore on page 7. In case AutoStore is enabled without a
capacitor on VCAP pin, the device attempts an AutoStore
operation without sufficient charge to complete the Store. This
corrupts the data stored in nvSRAM.
Figure 2. AutoStore Mode
Figure 2 shows the proper connection of the storage capacitor
(VCAP) for automatic STORE operation. Refer to DC Electrical
Characteristics on page 17 for the size of the VCAP. The voltage
on the VCAP pin is driven to VCC by a regulator on the chip. A
pull-up should be placed on WE to hold it inactive during
power-up. This pull-up is only effective if the WE signal is tristate
during power-up. Many MPUs tristate their controls on power-up.
This should be verified when using the pull-up. When the
nvSRAM comes out of power-on-RECALL, the MPU must be
active or the WE held inactive until the MPU comes out of reset.
To reduce unnecessary nonvolatile stores, AutoStore and
Hardware STORE operations are ignored unless at least one
write operation has taken place since the most recent STORE or
RECALL cycle. Software initiated STORE cycles are performed
regardless of whether a write operation has taken place.
The HSB signal is monitored by the system to detect if an
AutoStore cycle is in progress.
Hardware STORE (HSB) Operation
The CY14B101KA/CY14B101MA provides the HSB pin to
control and acknowledge the STORE operations. The HSB pin
is used to request a Hardware STORE cycle. When the HSB pin
is driven LOW, the CY14B101KA/CY14B101MA conditionally
initiates a STORE operation after tDELAY. An actual STORE cycle
begins only if a write to the SRAM has taken place since the last
STORE or RECALL cycle. The HSB pin also acts as an open
drain driver (internal 100 k
 weak pull-up resistor) that is inter-
nally driven LOW to indicate a busy condition when the STORE
(initiated by any means) is in progress.
Note After each Hardware and Software STORE operation HSB
is driven HIGH for a short time (tHHHD) with standard output high
0.1 uF
VCC
VCAP
WE
VCAP
VSS
VCC
[+] Feedback


Similar Part No. - CY14B101KA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-SP20XC CYPRESS-CY14B101KA-SP20XC Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-SP20XCT CYPRESS-CY14B101KA-SP20XCT Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-SP20XI CYPRESS-CY14B101KA-SP20XI Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-SP20XIT CYPRESS-CY14B101KA-SP20XIT Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101KA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com