Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101PA Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101PA
Description  1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101PA Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101PA Datasheet HTML 1Page - Cypress Semiconductor CY14B101PA Datasheet HTML 2Page - Cypress Semiconductor CY14B101PA Datasheet HTML 3Page - Cypress Semiconductor CY14B101PA Datasheet HTML 4Page - Cypress Semiconductor CY14B101PA Datasheet HTML 5Page - Cypress Semiconductor CY14B101PA Datasheet HTML 6Page - Cypress Semiconductor CY14B101PA Datasheet HTML 7Page - Cypress Semiconductor CY14B101PA Datasheet HTML 8Page - Cypress Semiconductor CY14B101PA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
PRELIMINARY
CY14B101P
1-Mbit (128 K × 8) Automotive Serial (SPI)
nvSRAM with Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-61932 Rev. *B
Revised July 22, 2011
1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
Features
1 Mbit nonvolatile static random access memory (nvSRAM)
Internally organized as 128 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by the user
using HSB pin (hardware STORE) or SPI instruction
(Software STORE)
RECALL to SRAM initiated on power-up (power-up RECALL)
or by SPI instruction (software RECALL)
Automatic STORE on power-down with a small capacitor
High reliability
Infinite read, write, and RECALL cycles
STORE cycles to QuantumTrap
• Automotive-A: 1,000 K STORE cycles
• Automotive-E: 100 K STORE cycles
Data retention
• Automotive-A: 20 years
• Automotive-E: 2 years
Real time clock
Full-featured real time clock
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Backup current of 0.35 uA (typ)
High-speed serial peripheral interface (SPI)
40 MHz clock rate - SRAM memory access
25 MHz clock rate - RTC memory access
Supports SPI mode 0 (0,0) and mode 3 (1,1)
Write protection
Hardware protection using Write Protect (WP) pin
Software protection using the Write Disable Instruction
Software block protection for one-quarter, one-half, or entire
array
Low power consumption
Operating voltages:
• Automotive-A: VCC = 2.7 V to 3.6 V
• Automotive-E: VCC = 3.0 V to 3.6 V
Average active current of 10 mA at 40 MHz operation
Industry standard configurations
Temperature ranges
• Automotive-A: –40 °C to +85 °C
• Automotive-E: –40 °C to +125 °C
16-pin small outline integrated circuit (SOIC) package
Pb-free and restriction of hazardous substances (RoHS)
compliant
Overview
The Cypress CY14B101P combines a 1 Mbit nonvolatile static
RAM with full-featured real time clock in a monolithic integrated
circuit with serial SPI interface. The memory is organized as
128 K words of 8 bits each. The embedded nonvolatile elements
incorporate the QuantumTrap technology, creating the world’s
most reliable nonvolatile memory. The SRAM provides infinite
read and write cycles, while the QuantumTrap cells provide
highly reliable nonvolatile storage of data. Data transfers from
SRAM to the nonvolatile elements (STORE operation) takes
place automatically at power-down. On power-up, data is
restored to the SRAM from the nonvolatile memory (RECALL
operation). The STORE and RECALL operations can also be
initiated by the user through SPI instruction.
Instruction
register
Address
Decoder
Data I/O register
Status Register
Power Control
STORE/RECALL
Control
Instruction decode
Write protect
Control logic
QuantumTrap
STORE
RECALL
SI
SCK
VCC
V
CAP
SO
HSB
128 K X 8
SRAM Array
128 K X 8
RTC
X
X
INT
MUX
A0-A16
D0-D7
HOLD
CS
WP
out
in
Logic Block Diagram


Similar Part No. - CY14B101PA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101PA CYPRESS-CY14B101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA CYPRESS-CY14B101PA Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA CYPRESS-CY14B101PA Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA-SF104XI CYPRESS-CY14B101PA-SF104XI Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA-SF104XIT CYPRESS-CY14B101PA-SF104XIT Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101PA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com