Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C28403 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C28403
Description  PSoC Programmable System-on-Chip
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28403 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C28403 Datasheet HTML 7Page - Cypress Semiconductor CY8C28403 Datasheet HTML 8Page - Cypress Semiconductor CY8C28403 Datasheet HTML 9Page - Cypress Semiconductor CY8C28403 Datasheet HTML 10Page - Cypress Semiconductor CY8C28403 Datasheet HTML 11Page - Cypress Semiconductor CY8C28403 Datasheet HTML 12Page - Cypress Semiconductor CY8C28403 Datasheet HTML 13Page - Cypress Semiconductor CY8C28403 Datasheet HTML 14Page - Cypress Semiconductor CY8C28403 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
Document Number: 001-48111 Rev. *I
Page 11 of 78
Pinouts
This section describes, lists, and illustrates the CY8C28xxx PSoC device pins and pinout configurations.
The CY8C28xxx PSoC devices are available in a variety of packages which are listed and illustrated in the following tables. Every
port pin (labeled with a “P”) is capable of Digital I/O. However, VSS, VDD, SMP, and XRES are not capable of Digital I/O.
20-Pin Part Pinout
Table 3. 20-Pin Part Pinout (SSOP)
Pin
No.
Type
Pin
Name
Description
CY8C28243 20-Pin PSoC Device
Digital
Analog
1
I/O
I, M, S
P0[7]
Analog column mux and SAR ADC
input.[8]
2
I/O
I/O, M, S
P0[5]
Analog column mux and SAR ADC input.
Analog column output.[8, 9]
3
I/O
I/O, M, S
P0[3]
Analog column mux and SAR ADC input.
Analog column output.[8, 9]
4
I/O
I, M, S
P0[1]
Analog column mux and SAR ADC
input.[8]
5
Output
SMP
Switch Mode Pump (SMP) connection to
external components.
6
I/O
M
P1[7]
I2C0 Serial Clock (SCL).
7
I/O
M
P1[5]
I2C0 Serial Data (SDA).
8
I/O
M
P1[3]
9
I/O
M
P1[1]
Crystal Input (XTALin), I2C0 Serial Clock
(SCL), ISSP-SCLK[7].
10
Power
VSS
Ground connection.
11
I/O
M
P1[0]
Crystal Output (XTALout), I2C0 Serial
Data (SDA), ISSP-SDATA[7].
12
I/O
M
P1[2]
I2C1 Serial Data (SDA).[10]
13
I/O
M
P1[4]
Optional External Clock Input (EXTCLK).
14
I/O
M
P1[6]
I2C1 Serial Clock (SCL).[10]
15
Input
XRES
Active high external reset with internal
pull-down.
16
I/O
I, M, S
P0[0]
Analog column mux and SAR ADC
input.[8]
17
I/O
I/O, M, S
P0[2]
Analog column mux and SAR ADC input.
Analog column output.[8, 11]
18
I/O
I/O, M, S
P0[4]
Analog column mux and SAR ADC input.
Analog column output.[8, 11]
19
I/O
I, M, S
P0[6]
Analog column mux and SAR ADC
input.[8]
20
Power
VDD
Supply voltage.
LEGEND: A = Analog, I = Input, O = Output, S = SAR ADC Input, and M = Analog Mux Bus Input.
SSOP
2
1
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Vdd
P0[6], M, AI, S
P0[4], M, AIO, S
P0[2], M, AIO, S
P0[0], M, AI, S
XRES
P1[6], M, I2C1 SCL
P1[4], M, EXTCLK
P1[2], M, I2C1 SDA
P1[0], M, XTALout, I2C0 SDA
S, AI, M, P0[7]
S, AIO, M, P0[5]
S, AIO, M, P0[3]
S, AI, M, P0[1]
SMP
I2C0 SCL, M, P1[7]
I2C0 SDA, M, P1[5]
M, P1[3]
I2C0 SCL, XTALin, M, P1[1]
Vss
Notes
7. These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Technical Reference Manual for CY8C28xxx PSoC devices for details.
8. CY8C28x52 and CY8C28x23 devices do not have a SAR ADC. Therefore, this pin does not function as a SAR ADC input for these devices.
9. CY8C28x13 and CY8C28x03 devices do not have any analog output buffers. Therefore, this pin does not function as an analog column output for these devices.
10. CY8C28x52, CY8C28x13, and CY8C28x33 devices only have one I2C block. Therefore, this GPIO does not function as an I2C pin for these devices.
11. CY8C28x33, CY8C28x23, CY8C28x13, and CY8C28x03 devices do not have an analog output buffer for this pin. Therefore, this pin does not function as an analog
column output for these devices.


Similar Part No. - CY8C28403

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28403 CYPRESS-CY8C28403 Datasheet
2Mb / 63P
   PSoC Programmable System-on-Chip
CY8C28403 CYPRESS-CY8C28403 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C28403 CYPRESS-CY8C28403 Datasheet
2Mb / 65P
   PSoC짰 Programmable System-on-Chip
CY8C28403-24PVXI CYPRESS-CY8C28403-24PVXI Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
CY8C28403-24PVXI CYPRESS-CY8C28403-24PVXI Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C28403

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com