Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC976LP3E Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC976LP3E
Description  400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC976LP3E Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC976LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 10Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 11Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
9
9 - 10
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v01.0711
Thermal dissipation should be taken into account at all times especially with large VDD-VR values i.e. if 1.8V is
required from 5.5V VIN then the output current must be restricted to <210mA , or VDD restricted to <3.75V for a
400mA load.
The following plots show the board ground copper area influence, on junction temperature for ambient temperatures
of 25°C, 50°C, 85°C vs. Total power dissipated in the device. The conditions for the plots are :
1. 100mm2 Copper Area
2. 1000mm2 Copper Area
3. 2580mm2 Copper Area HMC976LP3E Evaluation PCB No Heat Sink
4. 2580mm2 Copper Area HMC976LP3E Evaluation PCB with Heat Sink
5. JEDEC Board as per JESD51-3
HMC976LP3E JUNCTION TEMPERATURE
°C vs. TOTAL POWER DISSIPATION 25°C
AMBIENT
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
POWER DISSIPATION (W)
Tjmax
1000mm
2 no HS
2580mm
2 no HS
2580mm
2 with HS
100 mm
2 no HS
JEDEC no HS
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
POWER DISSIPATION (W)
Tjmax
JEDEC no HS
2580mm
2 with HS
2580mm
2 no HS
1000mm
2 no HS
100mm
2 no HS
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
POWER DISSIPATION (W)
100mm
2 no HS
2580mm
2 with HS
2580mm
2 no HS
1000mm
2 no HS
Tjmax
JEDEC no HS
HMC976LP3E JUNCTION TEMPERATURE
°C vs. TOTAL POWER DISSIPATION 50°C
AMBIENT
HMC976LP3E JUNCTION TEMPERATURE
°C vs. TOTAL POWER DISSIPATION 85°C
AMBIENT


Similar Part No. - HMC976LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC976LP3E AD-HMC976LP3E Datasheet
1Mb / 12P
   Basestation Infrastructure
More results

Similar Description - HMC976LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC860LP3E HITTITE-HMC860LP3E_11 Datasheet
900Kb / 10P
   QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
HMC860LP3E HITTITE-HMC860LP3E_09 Datasheet
479Kb / 10P
   QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
MP20056 MPS-MP20056 Datasheet
853Kb / 15P
   Low-Noise, High-PSRR, 250mA Linear Regulator
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
logo
Global Mixed-mode Techn...
G9298 GMT-G9298 Datasheet
65Kb / 1P
   400mA High PSRR, Low Noise, LDO Regulators
logo
Monolithic Power System...
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com