Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101KA-SP25XI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B101KA-SP25XI
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101KA-SP25XI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B101KA-SP25XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101KA-SP25XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101KA-SP25XI Datasheet HTML 9Page - Cypress Semiconductor CY14B101KA-SP25XI Datasheet HTML 10Page - Cypress Semiconductor CY14B101KA-SP25XI Datasheet HTML 11Page - Cypress Semiconductor CY14B101KA-SP25XI Datasheet HTML 12Page - Cypress Semiconductor CY14B101KA-SP25XI Datasheet HTML 13Page - Cypress Semiconductor CY14B101KA-SP25XI Datasheet HTML 14Page - Cypress Semiconductor CY14B101KA-SP25XI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CY14B101KA
CY14B101MA
Document #: 001-42880 Rev. *I
Page 11 of 34
Flags Register
The flags register has three flag bits: WDF, AF, and PF, which can be used to generate an interrupt. These flags are set by the watchdog
timeout, alarm match, or power fail monitor respectively. The processor can either poll this register or enable interrupts to be informed
when a flag is set. These flags are automatically reset when the register is read. The flags register is automatically loaded with the
value 0x00 on power-up (except for the OSCF bit; see Stopping and Starting the Oscillator on page 9).
Figure 4. RTC Recommended Component Configuration
Xout
Xin
Y1
C2
C1
Recommended Values
Y1 = 32.768 kHz (12.5 pF)
C1 = 10 pF
C2 = 67 pF
Note: The recommended values for C1 and C2 include
board trace capacitance.
Figure 5. Interrupt Block Diagram
WDF - Watchdog Timer Flag
WIE - Watchdog Interrupt
PF - Power Fail Flag
PFE - Power Fail Enable
AF - Alarm Flag
AIE - Alarm Interrupt Enable
P/L - Pulse Level
H/L - High/Low
Enable
Watchdog
Timer
Power
Monitor
Clock
Alarm
VINT
WDF
WIE
PF
PFE
AF
AIE
P/L
Pin
Driver
H/L
INT
VCC
VSS
[+] Feedback


Similar Part No. - CY14B101KA-SP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA-SP25XI CYPRESS-CY14B101KA-SP25XI Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-SP25XI CYPRESS-CY14B101KA-SP25XI Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B101KA-SP25XIT CYPRESS-CY14B101KA-SP25XIT Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-SP25XIT CYPRESS-CY14B101KA-SP25XIT Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101KA-SP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com