Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL5EP5 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL5EP5
Description  첩5mm(T-1 3/4), Cylinder Type, Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL5EP5 Datasheet(HTML) 2 Page - Sharp Corporation

  GL5EP5 Datasheet HTML 1Page - Sharp Corporation GL5EP5 Datasheet HTML 2Page - Sharp Corporation GL5EP5 Datasheet HTML 3Page - Sharp Corporation GL5EP5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
118
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
LED Lamp Characteristics Diagrams
Note)Characteristics shown in diagrams are typical values. (not assurance value)
PR series
HD series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)


Similar Part No. - GL5EP5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5ED44 ETC1-GL5ED44 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
GL5ED5 ETC1-GL5ED5 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
logo
Sharp Corporation
GL5ED60 SHARP-GL5ED60 Datasheet
200Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
logo
List of Unclassifed Man...
GL5ED60 ETC1-GL5ED60 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
GL5EDXXX ETC1-GL5EDXXX Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL5EP5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL5ED60 SHARP-GL5ED60 Datasheet
200Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
GL5HD60 SHARP-GL5HD60 Datasheet
73Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion LED Lamps for Backlight/Indicator
GL3ED8 SHARP-GL3ED8 Datasheet
194Kb / 3P
   첩3mmT-1, Cylinder Type, Milky Diffusion, Dichromatic LED Lamp for Backlight/Indicator
GL5PR8 SHARP-GL5PR8 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Indicator
GL5PR44 SHARP-GL5PR44 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Backlight/Indicator
GL5PR41 SHARP-GL5PR41 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
GL9ED2 SHARP-GL9ED2 Datasheet
223Kb / 4P
   2.0X5.0mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
GL8ED5 SHARP-GL8ED5 Datasheet
226Kb / 4P
   1.9X3.9mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
GL5PR4 SHARP-GL5PR4 Datasheet
86Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Wide Viewing Angle Indicator
GL5PR43 SHARP-GL5PR43 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com