Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRR75NP-331MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRR75NP-331MC
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR75NP-331MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRR75NP-331MC Datasheet HTML 1Page - Sumida Corporation CDRR75NP-331MC Datasheet HTML 2Page - Sumida Corporation CDRR75NP-331MC Datasheet HTML 3Page - Sumida Corporation CDRR75NP-331MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 27-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRR75
Electrical Characteristics
0.22(0.26)
0.10(0.13)
0.14(0.16)
3.056 (2.546)
1000
±20%
102
CDRR75NP-1Ø2MC
0.31(0.36)
0.12(0.15)
0.16(0.20)
1.866 (1.555)
680
±20%
681
CDRR75NP-681MC
0.38(0.43)
0.16(0.20)
0.20(0.26)
1.416 (1.180)
470
±20%
471
CDRR75NP-471MC
0.45(0.52)
0.20(0.26)
0.25(0.32)
1.050 (0.842)
330
±20%
331
CDRR75NP-331MC
0.54(0.62)
0.25(0.31)
0.29(0.37)
0.721 (0.577)
220
±20%
221
CDRR75NP-221MC
0.66(0.75)
0.29(0.37)
0.36(0.46)
0.485 (0.388)
150
±20%
151
CDRR75NP-151MC
0.83(0.94)
0.35(0.44)
0.44(0.55)
0.315 (0.252)
100
±20%
101
CDRR75NP-1Ø1MC
0.93(1.06)
0.43(0.54)
0.53(0.67)
0.256 (0.205)
68
±20%
680
CDRR75NP-68ØMC
1.08(1.25)
0.48(0.60)
0.60(0.75)
0.190 (0.152)
47
±20%
470
CDRR75NP-47ØMC
1.39(1.59)
0.60(0.75)
0.76(0.96)
0.119 (95m)
33
±20%
330
CDRR75NP-33ØMC
1.70(1.93)
0.74(0.93)
0.96(1.21)
85m (68m)
22
±20%
220
CDRR75NP-22ØMC
2.07(2.38)
0.94(1.18)
1.15(1.44)
63m (50m)
15
±20%
150
CDRR75NP-15ØMC
2.40(2.73)
1.02(1.28)
1.32(1.65)
57m (45m)
10
±20%
100
CDRR75NP-1ØØMC
2.55(2.90)
1.30(1.63)
1.46(1.83)
43m (34m)
6.8
±20%
6R8
CDRR75NP-6R8MC
2.80(3.20)
1.55(1.94)
2.04(2.55)
39m (31m)
4.7
±20%
4R7
CDRR75NP-4R7MC
3.30(3.76)
1.80(2.25)
2.10(2.64)
34m (27m)
3.3
±20%
3R3
CDRR75NP-3R3MC
(at 105
℃)
(at 20
℃)
Temperature
rise current
(A)
※3
Saturation current
(A)
※2
D.C.R. (
Ω)
[Max.](Typ.)
(at 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part No.
※1. Measuring condition: at 100 kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDRR75NP-331MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR75NP-331MC SUMIDA-CDRR75NP-331MC Datasheet
177Kb / 5P
   Ferrite drum core construction.
CDRR75NP-331MC SUMIDA-CDRR75NP-331MC Datasheet
95Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRR75NP-331MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com